Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI-3000J Datasheet(PDF) 4 Page - Sanken electric

Part No. SI-3000J
Description  5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANKEN [Sanken electric]
Homepage  http://www.sanken-ele.co.jp/en
Logo 

SI-3000J Datasheet(HTML) 4 Page - Sanken electric

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
49
sTa-PD Characteristics
PD=IO•[VIN(mean)–VO]
qSI-3000J Series
25
20
15
10
5
0
75
×75×2mm (7.6°C/W)
100
×100×2mm (5.2°C/W)
200
×200×2mm (2.3°C/W)
–30
0
25
50
Ambient Temperature Ta (
°C)
75
100
Infinite heatsink
Without heatsink
With Silicon Grease: G746
(SHINETSU CHEMICAL
INDUSTRIES)
Heatsink: Aluminum


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn