Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI-3000F Datasheet(PDF) 6 Page - Sanken electric

Part No. SI-3000F
Description  5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANKEN [Sanken electric]
Homepage  http://www.sanken-ele.co.jp/en
Logo 

SI-3000F Datasheet(HTML) 6 Page - Sanken electric

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
38
sTypical Characteristics
IO vs. VDIF Characteristics
Temperature Coefficient of Output Voltage(SI-3050F)
Output ON/OFF Control(SI-3050F)
Rise Characteristics(SI-3050F)
Rise Characteristics(SI-3120F)
Overcurrent Protection Characteristics(SI-3050F)
Overcurrent Protection Characteristics(SI-3120F)
Overcurrent Protection Characteristics(SI-3140F)
Thermal Protection Characteristics(SI-3050F)
0.6
0.5
0.4
0.3
0.2
0.1
0
0
0.2
0.4
0.6
Output Current IO (A)
0.8
1.0
5.06
5.04
5.02
5.00
4.98
4.96
4.94
Ambient Temperature Ta (
°C)
–40 –20
0
20
40
60
80 100 120 140
VIN=8V
IO =0A
VO =5V
6
5
4
3
2
1
0
0
1.0
2.0
Output ON/OFF Control Voltage Vc (V)
3.0
4.0
VIN=8V
IO =10mA
0.25A
0.5A
6
5
4
3
2
1
0
01
2
3
4
Input Voltage VIN (V)
56
0.75A
Input Voltage VIN (V)
14
12
10
8
6
4
2
0
0
2
4
6
8
10
12
14
16
IO=0A
=0.5A
=1.0A
Output Current IO (A)
6
5
4
3
2
1
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
8V
10V
14
12
10
8
6
4
2
0
0
0.5
1.0
1.5
2.0
18V
Output Current IO (A)
(Ta=25
°C)
qSI-3000F Series
Note on Thermal Protection:
The thermal protection circuit is intended for
protection against heat during instantaneous
short-circuiting. Its operation is not guaran-
teed for short-circuiting over extended peri-
ods of time.
6
5
4
3
2
1
0
Case Temperature Tc (
°C)
0
20
60
100
140
180
VIN=8V
IO=10mA
30
25
20
15
10
5
0
0
0.5
1
1.5
2
Output Current IO (A)
2.5
3
VIN=27V
25
30
40V
35V


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn