Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

0747125003 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 0747125003
Description  6.25mm (.246) Pitch Ganged RF Header, Vertical, 6 Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX9 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

0747125003 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0747125003
Status:
Active
Overview:
ganged_rf
Description:
6.25mm (.246") Pitch Ganged RF Header, Vertical, 6 Circuits
Documents:
Drawing (PDF)
Product Specification PS-74854-001 (PDF)
Packaging Specification (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Backplane Connectors
Series
74712
Application
Backplane
Comments
Port Numbered 2 Loaded
Component Type
PCB Header
Overview
ganged_rf
Product Name
Ganged RF
Style
N/A
Physical
Circuits (Loaded)
2
Circuits (maximum)
6
Circuits Detail
2
Color - Resin
Black, Natural
Durability (mating cycles max)
500
First Mate / Last Break
No
Guide to Mating Part
No
Keying to Mating Part
Yes
Material - Metal
Copper
Material - Resin
High Temperature Thermoplastic, Polyester
Number of Columns
N/A
Number of Pairs
N/A
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.088 In
PC Tail Length (mm)
2.24 mm
PCB Locator
Yes
PCB Retention
None
PCB Thickness Recommended (in)
0.177 In
PCB Thickness Recommended (mm)
4.50 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.246 In
Pitch - Mating Interface (mm)
6.25 mm
Pitch - Term. Interface (in)
0.246 In
Pitch - Term. Interface (mm)
6.25 mm
Polarized to PCB
Yes
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
1A
Data Rate
3.0 Gbps
Real Signals (per 25mm)
8
Shield Type
N/A
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
74712Series
Mates With
74642 Ganged RF Receptacle


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn