Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI-3000C Datasheet(PDF) 4 Page - Sanken electric

Part No. SI-3000C
Description  5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANKEN [Sanken electric]
Homepage  http://www.sanken-ele.co.jp/en
Logo 

SI-3000C Datasheet(HTML) 4 Page - Sanken electric

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
42
q GND
w VC
e VO
r VOS
t VIN
Plastic Mold Package Type
Flammability: UL94V-0
Weight: Approx. 2.3g
sBlock Diagram
SI-3000C
sStandard External Circuit
C0
: Output capacitor (47 to 100
µF)
*1 C1
: Oscillation prevention capacitor (C1: Approx. 47
µF,
C2
C2: 0.33
µF)
These capacitors are required if the input line is inductive
and in the case of long wiring. Tantalum capacitors are rec-
ommended for C1 and C0, particularly at low temperatures.
*2 D1
: Protection diode
This diode is required for protection against reverse biasing
of the input and output. Sanken EU2Z is recommended.
sOutline Drawing
1
2
5
3
4
MIC
Tr1
Equivalent
to LS-TTL
D1
C0
C2
C1
DC Input
VIN
DC Output
VO
5
SI-3000C
OPEN
2
3
4
1
*1
*2
++
(unit:mm)
qSI-3000C Series
10.0
±0.2
4.2
±0.2
0.95
±0.15
8.2±0.7
2.6±0.1
3.9±0.7
(4.3)
0.85
+0.2
–0.1
0.45
+0.2
–0.1
3.2±0.2
12 3 4 5
P1.7±0.7
×4=6.8±0.7
2.8
±0.2
φ
Forming No. 1101
Part Number
Lot Number


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn