Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0752372103 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 0752372103
Description  1.85mm by 1.85mm (.073 by .073) Pitch 5-Pair GbX짰 Backplane Connector System, Left Guide Header, 100 Circuits, Gold (Au) 0.76關m (30關)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0752372103 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0752372103 Datasheet HTML 1Page - Molex Electronics Ltd. 0752372103 Datasheet HTML 2Page - Molex Electronics Ltd. 0752372103 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - 0752372103

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0752372104 MOLEX9-0752372104 Datasheet
284Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 5-Pair GbX짰 Backplane Connector System, Left Guide Header, 100 Circuits, Gold (Au) 0.76關m (30關), Pin Length 4.55mm (.179)
0752372105 MOLEX9-0752372105 Datasheet
284Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 5-Pair GbX짰 Backplane Connector System, Left Guide Header, 100 Circuits, Gold (Au) 0.76關m (30關), Pin Length 5.55mm (.219)
More results

Similar Description - 0752372103

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0752372105 MOLEX9-0752372105 Datasheet
284Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 5-Pair GbX짰 Backplane Connector System, Left Guide Header, 100 Circuits, Gold (Au) 0.76關m (30關), Pin Length 5.55mm (.219)
0754652505 MOLEX9-0754652505 Datasheet
252Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane L-Series Connector System, Left Guide Header, 55 Circuits, Gold (Au) 0.76關m (30關)
0754332255 MOLEX9-0754332255 Datasheet
253Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 3-Pair GbX짰 Backplane Connector System, Left Guide Header Position E, 150 Circuits, Gold (Au) 0.76關m (30關)
0752372104 MOLEX9-0752372104 Datasheet
284Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 5-Pair GbX짰 Backplane Connector System, Left Guide Header, 100 Circuits, Gold (Au) 0.76關m (30關), Pin Length 4.55mm (.179)
0758612204 MOLEX9-0758612204 Datasheet
170Kb / 3P
   1.85mm by 1.85mm (.073" by .073") Pitch 2-Pair GbX짰 Backplane L-Series Connector System, Left Guide Header, 125 Circuits, Gold (Au) 0.76關m (30關")
0754332215 MOLEX9-0754332215 Datasheet
241Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 3-Pair GbX짰 Backplane Connector System Left Guide Header Position A, 150 Circuits, Gold (Au) 0.76關m (30關)
0754652204 MOLEX9-0754652204 Datasheet
251Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane L-Series Connector System, Left Guide Header, 275 Circuits, Gold (Au) 0.76關m (30關)
0754652515 MOLEX9-0754652515 Datasheet
322Kb / 3P
   1.85mm by 1.85mm (.073" by .073") Pitch 4-Pair GbX짰 Backplane L-Series Connector System, Left Guide Header, 55 Circuits, Gold (Au) 0.76關m (30關")
0758272203 MOLEX9-0758272203 Datasheet
212Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane Connector System, Left Guide Header, 100 Circuits, Gold (Au) 0.76關m (30關), Pin Length 3.55mm (.140)
0758272205 MOLEX9-0758272205 Datasheet
212Kb / 3P
   1.85mm by 1.85mm (.073 by .073") Pitch 2-Pair GbX짰 Backplane Connector System, Left Guide Header, 100 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com