Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0850481263 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0850481263
Description  2.54mm (.100) Pitch DIN 41612/IEC 603-2 Mixed Layout Connector, Through Hole, Vertical, Female Style M, 16 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0850481263 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0850481263 Datasheet HTML 1Page - Molex Electronics Ltd. 0850481263 Datasheet HTML 2Page - Molex Electronics Ltd. 0850481263 Datasheet HTML 3Page - Molex Electronics Ltd. 0850481263 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0850481263
Status:
Active
Overview:
din_41612
Description:
2.54mm (.100") Pitch DIN 41612/IEC 603-2 Mixed Layout Connector, Through Hole,
Vertical, Female Style M, 16 Circuits
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Backplane Connectors
Series
85048
Application
Daughtercard
Comments
Mixed Layout
Component Type
PCB Receptacle
Overview
din_41612
Product Name
IEC 603-2/DIN 41612
Style
M
Physical
Circuits (Loaded)
16
Circuits (maximum)
24
Circuits Detail
Rows A & C
Durability (mating cycles max)
500
First Mate / Last Break
No
Flammability
94V-0
Guide to Mating Part
No
Keying to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Number of Columns
8
Number of Pairs
Open Pin Field
Number of Rows
3
Orientation
Vertical
PC Tail Length (in)
0.177 In
PC Tail Length (mm)
4.50 mm
PCB Locator
No
PCB Retention
Yes
Packaging Type
Carton
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Plating min: Mating (µin)
39.37
Plating min: Mating (µm)
1.00
Polarized to PCB
Yes
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole
Series
image - Reference only
EU RoHS
China RoHS
Compliance Status
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
85048Series
Mates With
DIN 41612/EIC 603-2 Mixed Layout
Connector 85009 , 85017


Similar Part No. - 0850481263

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0850481275 MOLEX9-0850481275 Datasheet
126Kb / 4P
   2.54mm (.100) Pitch DIN 41612/IEC 603-2 Mixed Layout Connector, Through Hole, Vertical, Female Style M, 32 Circuits, Lead free
More results

Similar Description - 0850481263

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0850480139 MOLEX9-0850480139 Datasheet
118Kb / 4P
   2.54mm (.100") Pitch DIN 41612/IEC 603-2 Mixed Layout Connector, Through Hole, Vertical, Female Style M, 64 Circuits
0850481794 MOLEX9-0850481794 Datasheet
130Kb / 4P
   2.54mm (.100) Pitch DIN 41612/IEC 603-2 Mixed Layout Connector, Through Hole, Vertical, Female Style M, 78 Circuits
0850481811 MOLEX9-0850481811 Datasheet
129Kb / 4P
   2.54mm (.100) Pitch DIN 41612/IEC 603-2 Mixed Layout Connector, Through Hole, Vertical, Female Style M, 28 Circuits
0850481380 MOLEX9-0850481380 Datasheet
130Kb / 4P
   2.54mm (.100") Pitch DIN 41612/IEC 603-2 Mixed Layout Connector, Through Hole, Vertical, Female Style M, 28 Circuits
0850480098 MOLEX9-0850480098 Datasheet
130Kb / 4P
   2.54mm (.100") Pitch DIN 41612/IEC 603-2 Mixed Layout Connector, Through Hole, Vertical, Female Style M, 40 Circuits
0850480050 MOLEX9-0850480050 Datasheet
130Kb / 4P
   2.54mm (.100) Pitch DIN 41612/IEC 603-2 Mixed Layout Connector, Through Hole, Vertical, Female Style M, 28 Circuits
0850481483 MOLEX9-0850481483 Datasheet
129Kb / 4P
   2.54mm (.100) Pitch DIN 41612/IEC 603-2 Mixed Layout Connector, Through Hole, Vertical, Female Style M, 40 Circuits
0850480141 MOLEX9-0850480141 Datasheet
128Kb / 4P
   2.54mm (.100) Pitch DIN 41612/IEC 603-2 Mixed Layout Connector, Through Hole, Vertical, Female Style M, 52 Circuits
0850489001 MOLEX9-0850489001 Datasheet
162Kb / 4P
   2.54mm (.100) Pitch DIN 41612/IEC 603-2 Mixed Layout Connector, Through Hole, Vertical, Female Style M, 40 Circuits
0850480153 MOLEX9-0850480153 Datasheet
125Kb / 4P
   2.54mm (.100) Pitch DIN 41612/IEC 603-2 Mixed Layout Connector, Through Hole, Vertical, Female Style M, 80 Circuits, Lead free
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com