Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SDC04 Datasheet(PDF) 1 Page - Sanken electric

Part No. SDC04
Description  NPN Darlington With built-in avalanche diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SDC04 Datasheet(HTML) 1 Page - Sanken electric

  SDC04 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
163
Characteristic curves
IC-VCE Characteristics (Typical)
hFE-IC Characteristics (Typical)
hFE-IC Temperature Characteristics (Typical)
VCE(sat)-IC Temperature Characteristics (Typical)
VCE(sat)-IB Characteristics (Typical)
IC-VBE Temperature Characteristics (Typical)
θ j-a-PW Characteristics
PT-Ta Characteristics
Safe Operating Area (SOA)
SDC04
(Ta=25
°C)
Symbol
Ratings
Unit
VCBO
100
±15
V
VCEO
100
±15
V
VEBO
6V
IC
1.5
A
ICP
2.5 (PW
≤1ms, Du≤10%)
A
IB
0.1
A
PT
3 (Ta=25
°C)
W
Tj
150
°C
Tstg
–40 to +150
°C
θ j–a
41.6
°C/W
(Ta=25
°C)
Symbol
Unit
Conditions
ICBO
10
µAVCB=85V
IEBO
1
3
mA
VEB=6V
VCEO
85
100
115
V
IC=10mA
hFE
2000
5000
12000
VCE=4V, IC=1A
VCE(sat)
1.0
1.3
V
VBE(sat)
1.7
2.2
V
VFEC
1.2
1.8
V
IFEC=1A
ton
0.6
µsVCC 30V,
tstg
3.0
µsIC=1A,
tf
1.0
µsIB1=–IB2=2mA
fT
30
MHz
VCE=12V, IE=–0.1A
Cob
20
pF
VCB=10V, f=1MHz
IC=1A, IB=2mA
Specification
min
typ
max
2.5
2.0
1.5
1.0
0.5
0
012
3
4
5
6
VCE (V)
IB=5mA
1mA
0.5mA
0.3mA
0.2mA
20000
10000
5000
1000
500
100
50
0.03
0.05
0.1
0.5
1
2.5
(VCE=4V)
typ
IC (A)
20000
10000
5000
1000
500
100
50
0.03 0.05
0.1
0.5
1
2.5
IC (A)
(VCE=4V)
Ta
=125
°C
75
°C
25
°C
–30
°C
2
1
0
0.3
0.5
1
2.5
IC (A)
(IC / IB=1000)
Ta=125
°C
75
°C
25
°C
–30
°C
3
2
1
0
0.1
0.5
1
5
10
50
100
IB (mA)
IC=4A
IC=2A
IC-1A
2.5
2.0
1.5
1.0
0.5
0
01
2
3
VBE (V)
(VCE=4V)
50
10
5
1
1
5
10
50
100
500 1000
PW (mS)
3
2
1
0
0
4
3
2
1
50
100
150
1-1 Chip Operation
2-2 Chip Operation
3-3 Chip Operation
4-4 Chip Operation
Ta (
°C)
5
1
0.5
0.1
0.05
0.03
3
5
10
50
100
VCE (V)
Single Pulse
Without Heatsink
Ta=25
°C
100
µs
1ms
10ms
2
R1 R2
15,16
1
4
13,14
3
6
11,12
5
8
9,10
7
R1: 4k
Ω typ R2: 150Ω typ
NPN Darlington
With built-in avalanche diode
External dimensions E • • • SD
Absolute maximum ratings
Electrical characteristics
sEquivalent circuit diagram


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn