Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAI06 Datasheet(PDF) 1 Page - Sanken electric

Part # SAI06
Description  Surface-Mount, Separate Excitation Switching Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SAI06 Datasheet(HTML) 1 Page - Sanken electric

  SAI06 Datasheet HTML 1Page - Sanken electric SAI06 Datasheet HTML 2Page - Sanken electric SAI06 Datasheet HTML 3Page - Sanken electric SAI06 Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
72
Parameter
DC Input Voltage
Power Dissipation
Junction Temperature
Storage Temperature
SW Terminal Applied Reverse Voltage
Thermal Resistance(junction to case)
Parameter
DC Input Voltage Range
Output Current Range
Operating Junction Temperature Range
Symbol
VIN
PD
Tj
Tstg
VSW
Rth(j-c)
sFeatures
• Surface-mount package
• Output current: 0.4 to 0.5A
• High efficiency: 75 to 89%
• Requires only 4 external components
• Phase correction and output voltage adjustment performed internally
• Built-in reference oscillator (60kHz)
• Built-in overcurrent and thermal protection circuits
sApplications
• Power supplies for telecommunication equipment
• Onboard local power supplies
sLineup
SAI Series
Surface-Mount, Separate Excitation Switching Type
qSAI Series
Unit
V
A
°C
Symbol
VIN
IO
Tjop
sAbsolute Maximum Ratings
sRecommended Operating Conditions
Part Number
SAI01
SAI02
SAI03
SAI04
SAI06
VO(V)
5.0
3.3
12.0
15.0
9.0
IO(A)
0.5
0.4
Ratings
35
0.75
+125
–40 to +125
–1
20
Unit
V
W
°C
°C
V
°C/W
Ratings
SAI01
SAI02
SAI03
SAI04
SAI06
7 to 33
5.3 to 28
15 to 33
18 to 33
12 to 33
0 to 0.5
0 to 0.4
–30 to +125


Similar Part No. - SAI06

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SAI06 SANKEN-SAI06 Datasheet
49Kb / 4P
   Surface-mount and Separate Excitation Type
More results

Similar Description - SAI06

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR7000 SANKEN-STR7000 Datasheet
59Kb / 5P
   Separate Excitation Switching Type
SAI01-1 SANKEN-SAI01-1 Datasheet
49Kb / 4P
   Surface-mount and Separate Excitation Type
SI-8000HD SANKEN-SI-8000HD Datasheet
55Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8050W SANKEN-SI-8050W Datasheet
47Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8120JD SANKEN-SI-8120JD Datasheet
59Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8008TM SANKEN-SI-8008TM Datasheet
51Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8001FDL SANKEN-SI-8001FDL Datasheet
69Kb / 2P
   Surface Mount, Separate Excitation Step-down Switching Mode
SI-8000TM SANKEN-SI-8000TM_12 Datasheet
56Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8000JD SANKEN-SI-8000JD_11 Datasheet
86Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8000SD SANKEN-SI-8000SD_11 Datasheet
74Kb / 2P
   Surface Mount, Separate Excitation Step-down Switching Mode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com