Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAH02 Datasheet(PDF) 1 Page - Sanken electric

Part # SAH02
Description  Silicon PNP Epitaxial Planar Transistor with Shottky Barrier Diode(Chopper Regulator)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SAH02 Datasheet(HTML) 1 Page - Sanken electric

  SAH02 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
162
Silicon PNP Epitaxial Planar Transistor with Shottky Barrier Diode
Application : Chopper Regulator
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
SAH02
–30
–30
–10
–3
–0.5
800(Ta=25°C)
125
–40 to +125
Unit
V
V
V
A
A
mW
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
Symbol
ICBO
IEBO
V(BR)CEO
hFE1
hFE2
VCE(sat)
fT
COB
SAH02
–10max
–10max
–30min
100min
150min
–0.3max
100typ
45typ
Unit
µA
µA
V
V
MHz
pF
Conditions
VCB=–30V
VEB=–10V
IC=–10mA
VCE=–2V, IC=–1A
VCE=–2V, IC=–0.5A
IC=–0.5A, IB=–20mA
VCE=–12V, IE=0.3A
VCB=–10V, f=1MHz
SAH02
(Ta=25°C)
(Ta=25°C)
I C– V CE Characteristics (Typical)
hFE–IC Temperature Characteristics (Typical)
θj-a–t Characteristics
I C– V BE Temperature Characteristics (Typical)
Pc – T a Derating
0
0
–1
–2
–3
–1
–2
–3
–6
–4
–5
Collector-Emitter Voltage V CE(V)
I B=–3mA
–100mA
–20mA
–10mA
–15mA
–5mA
–5mA
Safe Operating Area (Single Pulse)
–3
–10
–5
–50
–0.03
–0.1
–0.05
–1
–5
–0.5
Collector-Emitter Voltage V CE(V)
1ms
10ms
Without Heatsink
Natural Cooling
0.3
100
300
10
1
0.001
0.01
0.1
1
1 0
100
1000
Time t(ms)
1.0
0.5
0
0
2 5
5 0
7 5
100
125
Ambient Temperature Ta(˚C)
Glass epoxy substrate
(95 x 69 x 1.2mm)
Natural Cooling
0
–3
–1
–2
0
–1.5
–0.5
–1.0
Base-Emittor Voltage V BE(V)
(V CE=–2V)
Diode I F– V F Characteristics
0
3
1
2
0
1.0
0.5
Forward Voltage V F(V)
(V CE=–2V)
–0.01
–0.05
–0.1
–0.5
–1
–3
100
500
1000
Collector Current I C(A)
125˚C
–30˚C
25˚C
125˚C
–0.1
–1
–0.5
–3
1.0
0.8
0.6
0.4
0.2
0
Collector Current I C(A)
t stg
t on
t f
V CC
12V
–I B1=I B2=30mA
t on•t stg•t f– I C Characteristics (Typical)
VCE(sat)–IB Temperature Characteristics (Typical)
0
–1.0
–1.5
–0.5
–300
–10
–100
–50
–5
–1
Base Current I B(mA)
125˚C
25˚C
–30˚C
(I C=–0.5A)
100
µs
External Dimensions PS Pack
1.4±0.2
3.6±0.2
6.3±0.2
8.0±0.5
1.0±0.3
3.0±0.2
9.8±0.3
0~0.1
6.8max
4.0max
ab
1
2
3
4
2
13
4
Equivalent circuit
VR
IR=100
µA
30 min
V
VF
IF=0.5A
0.55 max
V
t r r
IF=±100mA
15 typ
ns
Weight : Approx 0.23g
a. Type No.
b. Lot No.


Similar Part No. - SAH02

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SAH03 SANKEN-SAH03 Datasheet
23Kb / 1P
   Silicon PNP Epitaxial Planar Transistor with Fast-Recovery Rectifier Diode(Voltage change switch for motor)
More results

Similar Description - SAH02

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SA1746 SANKEN-2SA1746 Datasheet
24Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Chopper Regulator, Switch and General Purpose)
logo
KEC(Korea Electronics)
KTX311T KEC-KTX311T Datasheet
56Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
KTX312T KEC-KTX312T Datasheet
827Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
logo
Sanken electric
2SB1383 SANKEN-2SB1383 Datasheet
24Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Chopper Regulator, DC Motor Driver and General Purpose)
2SA1567 SANKEN-2SA1567 Datasheet
24Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(DC Motor Driver, Chopper Regulator and General Purpose)
2SA1568 SANKEN-2SA1568 Datasheet
25Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(DC Motor Driver, Chopper Regulator and General Purpose)
2SB1382 SANKEN-2SB1382 Datasheet
25Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Chopper Regulator, DC Motor Driver and General Purpose)
2SB1420 SANKEN-2SB1420 Datasheet
25Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Chopper Regulator, DC Motor Driver and General Purpose)
logo
KEC(Korea Electronics)
KTX511T KEC-KTX511T Datasheet
110Kb / 5P
   EPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE
KTX512T KEC-KTX512T Datasheet
108Kb / 5P
   EPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com