Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RU2YX Datasheet(PDF) 1 Page - Sanken electric

Part No. RU2YX
Description  Fast-Recovery Rectifier Diodes
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANKEN [Sanken electric]
Homepage  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

RU2YX Datasheet(HTML) 1 Page - Sanken electric

  RU2YX Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4.0
±0.2
0.78
±0.05
Cathode Mark
0
25
50
75
100
125
150
0
1.5
0
25
50
75
100
125
150
0
0.3
0.6
0.9
1.2
1.5
60
1.2
0.9
0.6
0.3
1
5
50
10
20ms
0
10
20
30
0.3
0.5
0.7
0.9
1.1
Ta 150ºC
=
60ºC
100ºC
25ºC
0.3
0.5
0.7
0.9
1.1
0.1
1.3
Ta 150ºC
=
60ºC
100ºC
25ºC
1
5
50
10
20ms
0
50
10
20
30
40
1
5
50
10
20ms
0
25
5
10
15
20
0
25
50
75
100
125
150
0
0.5
1.0
1.5
2.0
L =10 mm
L =10 mm
P. C. B.
180•100•1.6 t
10mm
RU3, RU3A,RU3C
RU3B
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Ta 100ºC
=
25ºC
50ºC
RU 2YX
RU 20A
RU 3 series
1
10
20
0.1
0.02
1
10
20
0.1
0.01
0.001
1
10
0.1
0.01
0.001
4.0
±0.2
0.98
±0.05
Cathode Mark
L =10mm
L =10mm
P. C. B.
180•100•1.6 t
10mm
Fast-Recovery Rectifier Diodes
Parameter
Type No.
Absolute Maximum Ratings
VRM
(V)
IF (AV)
(A)
IFSM
(A)
VF
(V)
IF
(A)
IF
/IRP
(mA)
IF
/IRP
(mA)
VR =VRM
max
VR =VRM
Ta =100
°C max
IR
(
µA)
IR (H)
(
µA)
Tj
(
°C)
Tstg
(
°C)
max
Electrical Characteristics (Ta =25
°C)
(
°C/W)
(g)
Mass
Others
RU 2YX
100
1.5
30
0.95 1.5
10
300
0.2
10/10
10/20
–40 to +150
0.08
15
0.4
A
RU 20A
600
RU 3
400
RU 3A
600
RU 3B
800
RU 3C
1000
1.5
1.5
1.1
1.5
50
20
1.1
1.5
2.5
1.5
1.5
1.0
1.5
10
350
0.4
100/100
100/200
0.18
15
0.4
B
10
400
0.4
10/10
10/20
0.18
12
0.6
34
Fig.
50Hz
Half-cycle Sinewave
Single Shot
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Ambient Temperature Ta (
°C)
Overcurrent Cycles
IFMS Rating
Ta —IF(AV) Derating
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Ambient Temperature Ta (
°C)
Overcurrent Cycles
IFMS Rating
Ta —IF(AV) Derating
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Ambient Temperature Ta (
°C)
Overcurrent Cycles
IFMS Rating
Ta —IF(AV) Derating
Solder
Copper Foil
Solder
Copper Foil
External Dimensions
(Unit: mm)
Flammability:
UL94V-0 or Equivalent
A
Fig.
B
Fig.
trr
Œ
(
µs)
trr

(
µs)
Rth (j- )


Html Pages

1 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RU31Fast-Recovery Rectifier Diodes 1 Sanken electric
AP01CFast-Recovery Rectifier Diodes 1 Sanken electric
RU3MFast-Recovery Rectifier Diodes 1 Sanken electric
AS01Fast-Recovery Rectifier Diodes 1 Sanken electric
FMU-12SFast-Recovery Rectifier Diodes 1 Sanken electric
AS01ZFast-Recovery Rectifier Diodes 1 Sanken electric
FMU-G16SFast-Recovery Rectifier Diodes 1 Sanken electric
RU4MFast-Recovery Rectifier Diodes 1 Sanken electric
RU4YFast-Recovery Rectifier Diodes 1 Sanken electric
EU01AFast-Recovery Rectifier Diodes 1 2 Sanken electric

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn