Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0875378819 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part No. 0875378819
Description  1.27mm (.050") Pitch EBBI™ 50D Receptacle, Through Hole, Right Angle, Blind Matewith Beveled Metal Pin and Plastic Peg, 0.76μm (30μ") Gold (Au) Selective Plating, 68
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX9 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

0875378819 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Lead-free Process Capability
SMC & Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
265
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-87537-002
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn