Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0875378819 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 0875378819
Description  1.27mm (.050") Pitch EBBI™ 50D Receptacle, Through Hole, Right Angle, Blind Matewith Beveled Metal Pin and Plastic Peg, 0.76μm (30μ") Gold (Au) Selective Plating, 68
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX9 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

0875378819 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0875378819
Status:
Active
Description:
1.27mm (.050") Pitch EBBI™ 50D Receptacle, Through Hole, Right Angle, Blind Mate,
with Beveled Metal Pin and Plastic Peg, 0.76µm (30µ") Gold (Au) Selective Plating, 68
Circuits, 1.70mm (.067) PC Tail Length, without Kapton Tape, Leadfree
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
PCB Receptacles
Series
87537
Application
Board-to-Board
Comments
<LI>Lubricant at the Contact|<LI>Z-Height: 3.00mm
(.118)
Product Name
EBBI™
Physical
Circuits (Loaded)
68
Color - Resin
Black
Durability (mating cycles max)
2,000
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Lock to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Right Angle
PC Tail Length (in)
0.067 In
PC Tail Length (mm)
1.70 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.045 In
PCB Thickness Recommended (mm)
1.20 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Plating min: Mating (µin)
30.4
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
101.6
Plating min: Termination (µm)
2.54
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
30V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87537Series
Mates With
71661 EBBI™ Right Angle Blind Mate Plug,
EBBI™ Vertical Blind Mate Plug


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn