Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0876639003 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part No. 0876639003
Description  6.35mm (.250") Pitch Power (DC), 7.62mm (.300") Pitch Power (AC), 2.54mm (.100")Pitch Signal, EXTreme PowerPlus™ Board-to-Board Header, Through Hole, RightAngle, 32 Circuits, Power Alpha 3, Signal 24, Power Beta 5, Long Contact, with Bevel
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX9 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0876639003 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0876639003 Datasheet HTML 1Page - Molex Electronics Ltd. 0876639003 Datasheet HTML 2Page - Molex Electronics Ltd. 0876639003 Datasheet HTML 3Page - Molex Electronics Ltd. 0876639003 Datasheet HTML 4Page - Molex Electronics Ltd. 0876639003 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical
Current - Maximum per Contact
2.5A, 30A, 50A
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Application Specification
AS-87631-018
Product Specification
PS-87663-006
Sales Drawing
SD-87663-010
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn