Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0759001281 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 0759001281
Description  3.50mm (.138") Pitch, MX150??Dual Row Header, Breakaway, Right Angle, 16Circuits, 1.25關m (50關") Nickel (Ni) Overall, 2.50關m (100關") Minimum Select Matte Tin(Sn) Plating on Tail, 0.05關m Minimum Select Gold (Au) Contact Area, 3.05mm (.120")
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0759001281 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0759001281 Datasheet HTML 1Page - Molex Electronics Ltd. 0759001281 Datasheet HTML 2Page - Molex Electronics Ltd. 0759001281 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - 0759001281

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0759001282 MOLEX9-0759001282 Datasheet
137Kb / 3P
   3.50mm (.138) Pitch, MX150??Dual Row Header, Breakaway, Right Angle, 16 Circuits, 1.25關m (50關) Nickel (Ni) Overall
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com