Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0850426050 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0850426050
Description  2.54mm (.100") Pitch DIN 41612 Receptacle, Style C, 96 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0850426050 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0850426050 Datasheet HTML 1Page - Molex Electronics Ltd. 0850426050 Datasheet HTML 2Page - Molex Electronics Ltd. 0850426050 Datasheet HTML 3Page - Molex Electronics Ltd. 0850426050 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0850426050
Status:
Active
Overview:
din_41612
Description:
2.54mm (.100") Pitch DIN 41612 Receptacle, Style C, 96 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Backplane Connectors
Series
85042
Application
Daughtercard
Component Type
PCB Receptacle
Overview
din_41612
Product Name
IEC 603-2/DIN 41612
Style
C
Physical
Circuits (Loaded)
96
Circuits (maximum)
96
Circuits Detail
Rows A, B, & C
Durability (mating cycles max)
50
First Mate / Last Break
No
Flammability
94V-0
Guide to Mating Part
No
Keying to Mating Part
Yes
Number of Columns
32
Number of Pairs
Open Pin Field
Number of Rows
3
Orientation
Vertical
PC Tail Length (in)
0.114 In
PC Tail Length (mm)
2.90 mm
PCB Locator
No
PCB Retention
Yes
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Polarized to PCB
Yes
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +125°C
Electrical
Current - Maximum per Contact
1A
Data Rate
622.0 Mbps
Real Signals (per 25mm)
29
Shielded
No
Voltage - Maximum
250V AC (RMS)
Material Info
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
85042Series
Mates With
DIN 41612 Headers 85003 , 85013


Similar Part No. - 0850426050

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0850426062 MOLEX9-0850426062 Datasheet
344Kb / 6P
   2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 96 Circuits
0850426074 MOLEX9-0850426074 Datasheet
197Kb / 4P
   2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 64 Circuits
0850426086 MOLEX9-0850426086 Datasheet
208Kb / 4P
   2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 64 Circuits
0850426098 MOLEX9-0850426098 Datasheet
390Kb / 6P
   2.54mm (.100") Pitch DIN 41612 Receptacle, Style C/2, 48 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com