Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMU-G2YXS Datasheet(PDF) 1 Page - Sanken electric

Part # FMU-G2YXS
Description  Fast-Recovery Rectifier Diodes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMU-G2YXS Datasheet(HTML) 1 Page - Sanken electric

  FMU-G2YXS Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0
1
5
20
50
10
10
20ms
30
0
1
5
50
10
10
20ms
40
30
20
1
5
50
10
20ms
100
80
60
40
20
0
70
80
90
110
4
0
100
150
5
3
2
1
120 130 140
t / T 1/6
=
t / T 1/ 3
, Sinewave
=
t / T 1/2
=
D.C.
70
80
90
110
8
0
100
150
10
6
4
2
120 130 140
t / T 1/6
=
t / T 1/ 3
, Sinewave
=
t / T 1/2
=
D.C.
70
80
90
110
8
0
100
150
10
6
4
2
120 130 140
t / T 1/6
=
t / T 1/ 3
, Sinewave
=
t / T 1/2
=
D.C.
0.1 0.3
0.5
0.7 0.9
1.1 1.3
1.5 1.7
Ta 150ºC
=
60ºC
100ºC
25ºC
0.3
0.5
0.7
0.9
0.1
1.1
1.3
1.5
Ta 150ºC
=
60ºC
100ºC
25ºC
0.3
0.5
0.7
0.9
0.1
1.1
1.3
Ta 150ºC
=
60ºC
100ºC
25ºC
3.3
1.35
10.0
0.85
5.08
4.2
2.8
C 0.5
2.4
0.45
FMU-G16S
FMU-G26S
FMU-G2YXS
1
10
50
0.1
0.01
0.001
1
10
50
0.1
0.01
0.001
1
10
50
0.1
0.01
0.001
A
Fast-Recovery Rectifier Diodes
Parameter
Type No.
Absolute Maximum Ratings
VRM
(V)
IFSM
(A)
VF
(V)
IF
(A)
IF
/IRP
(mA)
IF
/IRP
(mA)
Rth ( j-c)
IR
(
µA)
IR (H)
(
µA)
Tj
(
°C)
Tstg
(
°C)
Electrical Characteristics (Ta =25
°C)
(
°C/W)
(g)
Mass
Others
FMU-G16S
600
5.0
30
1.25
5.0
FMU-G26S
600
10.0
40
1.35 10.0
FMU-G2YXS
100
10.0
100
1.0
10.0
50
500
0.4
100/100
100/200
–40 to +150
0.18
4.0
0.2
0.08
4.2
2.1
41
IF (AV) (A)
Fig.
50Hz
Half-cycle Sinewave
Single Shot
With
Heatsink
VR=VRM, Ta=100
°C
VR =VRM
max per element
max per element
max per
element
Case Temperature Tc
(
°C)
Tc —IF(AV) Derating
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Case Temperature Tc
(
°C)
Tc —IF(AV) Derating
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Case Temperature Tc
(
°C)
Tc —IF(AV) Derating
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
External Dimensions
(Unit: mm) (Full-mold)
Flammability:
UL94V-0 or Equivalent
A
Fig.
trr
Œ
(
µs)
trr

(
µs)
+0.2
–0.1


Similar Part No. - FMU-G2YXS

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
FMU-G26S LUGUANG-FMU-G26S Datasheet
223Kb / 2P
   Super Fast Rectifiers
logo
Sanken electric
FMU-G26S SANKEN-FMU-G26S Datasheet
284Kb / 5P
   Silicon Diode
FMU-G2FS SANKEN-FMU-G2FS Datasheet
17Kb / 1P
   1500V/10A Damper diode
logo
List of Unclassifed Man...
FMU-G2FS ETC-FMU-G2FS Datasheet
69Kb / 2P
   Damper Diodes
More results

Similar Description - FMU-G2YXS

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
FR201 EIC-FR201 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
MR850 EIC-MR850 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
RU2 EIC-RU2 Datasheet
39Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
RU3 EIC-RU3 Datasheet
39Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
Sanken electric
RC2 SANKEN-RC2 Datasheet
19Kb / 1P
   Fast-Recovery Rectifier Diodes
RS1A SANKEN-RS1A Datasheet
22Kb / 1P
   Fast-Recovery Rectifier Diodes
RU3M SANKEN-RU3M Datasheet
23Kb / 1P
   Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
FR301 EIC-FR301 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
Sanken electric
AS01Z SANKEN-AS01Z Datasheet
26Kb / 1P
   Fast-Recovery Rectifier Diodes
logo
STMicroelectronics
BYT60P-1000 STMICROELECTRONICS-BYT60P-1000 Datasheet
89Kb / 7P
   FAST RECOVERY RECTIFIER DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com