Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMU-G2FS Datasheet(PDF) 1 Page - Sanken electric

Part # FMU-G2FS
Description  1500V/10A Damper diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMU-G2FS Datasheet(HTML) 1 Page - Sanken electric

  FMU-G2FS Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0
0.4
0.8
1.6
1.2
2.2
2.0
0.001
1
0.1
0.01
10
100
Forward voltage VF (V)
VF –IF Characteristic (Typ.)
0
400
800
1200
1600
0.001
1
0.1
0.01
10
Reverse voltage VR (V)
VR –IR Characteristic (Typ.)
External dimensions (Unit: mm)
1560
1640
1600
1680
1720
1760
(IF=10A)
(IR =50
µA)
1.00
1.20
1.10
1.30
1.40
1.50
0
0
5
10
15
20
25
30
10
20
40
30
VF Distribution
VR Distribution
1500V/10A Damper diode
FMU-G2FS
sAbsolute maximum ratings
sElectrical characteristics
Parameter
Ratings
Unit
Conditions
10ms Half-cycle sinewave Single Shot
Sinewave
V
A
A
A
2s
°C
°C
1500
10
50
12.5
– 40 to +150
– 40 to +150
VRM
IF(AV)
IFSM
I
2t
Tj
Tstg
µA
mA
ns
°C/W
Parameter
Ratings
Unit
Conditions
V
1.6max
50max
6.0max
250
4.0max
VF
IF=10A
VR=VRM
Tj=150
°C, VR=VRM
IF=500mA, IRP=1000mA,
75% Recovery Point, Tj=25
°C
Junction-to-case
IR
H.IR
trr 2
ns
600
IF=IRP=500mA,
90% Recovery Point, Tj=25
°C
trr 1
Rth (j-c)
(Ta =25
°C)
02
4
6
8
10
0
5
10
15
20
25
t/ T
= 1/ 3, Sinewave
t/ T
=1/2
D.C.
t/ T
=1/6
Average forward current IF(AV) (A)
IF(AV) –PF Characteristic
T
t
Tj =150ºC
0
500
1000
1500
0
2
4
6
8
9
Reverse voltage VR (V)
VR –PR Characteristic
T
t
Tj =150ºC
Sinewave
1– t / T
=5/6
1– t / T
=2/3
1– t / T
=1/2
TC –IF(AV) Characteristic
0
50
100
150
0
2
4
6
8
VR=1500V
10
Case temperature TC (
°C)
T
t
Tj =150ºC
t/ T
=1/2
D.C.
t/ T
=1/3
t/ T
=1/6
Sinewave
3.3
1.35
10.0
0.85
5.08
4.2
2.8
C0.5
2.4
0.45
+0.2
–0.1
Ta=150
°C
100
°C
60
°C
R.T
Ta =150
°C
100
°C
60
°C
R. T
Reference data
N (pcs)
N (pcs)
Flammability:
UL94V-0 or equivalent


Similar Part No. - FMU-G2FS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FMU-G2FS ETC-FMU-G2FS Datasheet
69Kb / 2P
   Damper Diodes
More results

Similar Description - FMU-G2FS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DIDR10150 DIODES-DIDR10150 Datasheet
64Kb / 2P
   1500V 10A DAMPER RECTIFIER DIODE
DS30201 Rev. A-0
logo
Rugao Dachang Electroni...
BY228 DACHANG-BY228 Datasheet
120Kb / 2P
   Damper Diodes Reverse Voltage 1500V Forward Current 5.0A
logo
Fairchild Semiconductor
FFPF04F150S FAIRCHILD-FFPF04F150S Datasheet
74Kb / 4P
   DAMPER DIODE
FFPF04U150S FAIRCHILD-FFPF04U150S Datasheet
75Kb / 4P
   DAMPER DIODE
FFPF10F150S FAIRCHILD-FFPF10F150S Datasheet
75Kb / 4P
   DAMPER DIODE
logo
NXP Semiconductors
BY428 PHILIPS-BY428 Datasheet
52Kb / 7P
   Damper diode
1996 Sep 26
BY328 PHILIPS-BY328 Datasheet
52Kb / 7P
   Damper diode
1996 Sep 30
logo
New Jersey Semi-Conduct...
BY328 NJSEMI-BY328 Datasheet
70Kb / 2P
   Damper diode
logo
Fairchild Semiconductor
FFPF06F150S FAIRCHILD-FFPF06F150S Datasheet
75Kb / 4P
   DAMPER DIODE
FFPF10U150S FAIRCHILD-FFPF10U150S Datasheet
74Kb / 4P
   DAMPER DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com