Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMB-36M Datasheet(PDF) 2 Page - Sanken electric

Part # FMB-36M
Description  Schottky Barrier Diodes 60V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMB-36M Datasheet(HTML) 2 Page - Sanken electric

  FMB-36M Datasheet HTML 1Page - Sanken electric FMB-36M Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FMB-36
20
40
100
80
60
0
1
5
50
10
20ms
30
60
150
120
90
0
1
5
50
10
20ms
FMB-36M
50
10
1
0.1
0.01
0.001
0
0.2
0.4
0.6
0.8
1.0
1.2
50
10
1
0.1
0.01
0.001
0
0.2
0.4
0.6
1.0
0.8
100
10
1
0.1
0.01
0.005
020
40
50
70
60
10
30
500
100
10
1
0.1
0.01
020
10
40
50
70
60
30
30
0
50
70
90
130
6
12
18
24
30
110
80
0
130
3
6
9
12
15
VR=60V
VR=60V
120
110
100
90
t / T 1/6
=
t / T 1/ 3
=
t / T 1/2
=
D.C.
Sinewave
Ta 125ºC
=
60ºC
100ºC
26ºC
26ºC
100ºC
Ta 125ºC
=
60ºC
t / T 1/6
=
t / T 1/ 3
=
t / T 1/2
=
D.C.
Sinewave
Ta 125ºC
=
60ºC
100ºC
26ºC
100ºC
Ta 125ºC
=
60ºC
26ºC
103
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Case Temperature
Tc
(
°C)
Tc —IF(AV) Derating
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Case Temperature
Tc
(
°C)
Tc —IF(AV) Derating


Similar Part No. - FMB-36M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FMB-36M SANKEN-FMB-36M Datasheet
92Kb / 2P
   Schottky Barrier Diodes
More results

Similar Description - FMB-36M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AK06 ETC-AK06 Datasheet
44Kb / 2P
   Schottky Barrier Diodes 60V
logo
Sanken electric
AK06 SANKEN-AK06 Datasheet
44Kb / 2P
   Schottky Barrier Diodes 60V
logo
Shindengen Electric Mfg...
D1FS6A SHINDENGEN-D1FS6A Datasheet
1Mb / 7P
   Schottky Barrier Diodes 60V, 2.5A
D10FY6ST SHINDENGEN-D10FY6ST Datasheet
1Mb / 8P
   Schottky Barrier Diodes 60V, 10A
D15FY6SY SHINDENGEN-D15FY6SY Datasheet
1Mb / 7P
   Schottky Barrier Diodes 60V, 15A
D5FY6ST SHINDENGEN-D5FY6ST Datasheet
1Mb / 7P
   Schottky Barrier Diodes 60V, 5A
D5FY6SY SHINDENGEN-D5FY6SY Datasheet
1Mb / 7P
   Schottky Barrier Diodes 60V, 5A
D10FY6SY SHINDENGEN-D10FY6SY Datasheet
1Mb / 7P
   Schottky Barrier Diodes 60V, 10A
D15FY6ST SHINDENGEN-D15FY6ST Datasheet
1Mb / 7P
   Schottky Barrier Diodes 60V, 15A
logo
Sanken electric
SFPB-56 SANKEN-SFPB-56 Datasheet
37Kb / 2P
   Schottky Barrier Diodes (Surface Mount) 60V, 90V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com