Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0679130002 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0679130002
Description  2.50mm (.098") Pitch, SDIO Memory Card Connector, Reverse Mount, Ultra Low Profile, Push Push Type, Lead-Free
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0679130002 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0679130002 Datasheet HTML 1Page - Molex Electronics Ltd. 0679130002 Datasheet HTML 2Page - Molex Electronics Ltd. 0679130002 Datasheet HTML 3Page - Molex Electronics Ltd. 0679130002 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 04/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0679130002
Status:
Active
Description:
2.50mm (.098") Pitch, SDIO Memory Card Connector, Reverse Mount, Ultra Low
Profile, Push Push Type, Lead-Free
Documents:
3D Model
Product Specification PS-67913-002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Memory Card Sockets
Series
67913
Button Type
Push-Push
Comments
Lead free
Component Type
Header & Ejector (Host)
Product Name
SDIO
Type
N/A
Physical
Card Detection Switch
Yes
Circuits (Loaded)
9
Circuits (maximum)
9
Color - Resin
Black
Durability (mating cycles max)
10,000
Ejector Button Side
No Ejector Button Present
Entry Angle
90° Angle (Side Entry)
Keying to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Resin
High Temperature Thermoplastic
PCB Locator
Yes
PCB Mounting Side
Reverse
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.067 In, 0.098 In
Pitch - Mating Interface (mm)
1.70 mm, 2.50 mm
Pitch - Term. Interface (in)
0.067 In, 0.098 In
Pitch - Term. Interface (mm)
1.70 mm, 2.50 mm
Ports
1
Temperature Range - Operating
-25°C to +90°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.5A
Shielded
Yes
Voltage - Maximum
100V
Material Info
Reference - Drawing Numbers
Product Specification
PS-67913-002
Sales Drawing
SD-67913-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
67913Series
Use With
SDIO
This document was generated on 04/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0679130002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0679130007 MOLEX8-0679130007 Datasheet
333Kb / 4P
   2.50mm (.098") Pitch, SDIO Memory Card Connector, Reverse Mount, Ultra Low Profile, with integrated shell nails, Lead-Free
0679130008 MOLEX8-0679130008 Datasheet
335Kb / 5P
   2.50mm (.098) Pitch, SDIO Memory Card Connector, Reverse Mount, Ultra LowProfile, Push Push Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com