Electronic Components Datasheet Search |
|
74300-3143 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
74300-3143 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 4 page This document was generated on 05/15/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0743003143 Status: Active Overview: hdm Description: 2.00mm (.079") Pitch HDM® Board-to-Board Daughtercard Receptacle, Vertical, Signal Module, with Guide, 144 Circuits, Mounted Height 13.00mm (.512"), Press-Fit Pin Length 3.00mm (.118") Documents: 3D Model Product Specification PS-73780-999 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) General Product Family Backplane Connectors Series 74300 Application Daughtercard, Mezzanine Component Type PCB Receptacle Overview hdm Product Name HDM® Style N/A Physical Circuits (Loaded) 144 Circuits (maximum) 144 Color - Resin Black Durability (mating cycles max) 250 First Mate / Last Break No Guide to Mating Part Yes Keying to Mating Part None Material - Metal Copper-Nickel-Tin Material - Plating Mating Gold Material - Plating Termination Tin-Lead Material - Resin High Temperature Thermoplastic Number of Columns 24 Number of Pairs Open Pin Field Number of Rows 6 Orientation Vertical PC Tail Length (in) 0.118 In PC Tail Length (mm) 3.00 mm PCB Locator No PCB Retention None PCB Thickness Recommended (in) 0.063 In PCB Thickness Recommended (mm) 1.60 mm Packaging Type Tube Pitch - Mating Interface (in) 0.079 In Pitch - Mating Interface (mm) 2.00 mm Pitch - Term. Interface (in) 0.079 In Pitch - Term. Interface (mm) 2.00 mm Plating min: Mating (µin) 30 Plating min: Mating (µm) 0.76 Plating min: Termination (µin) 30 Plating min: Termination (µm) .88 Polarized to PCB No Stackable Yes Surface Mount Compatible (SMC) Yes Temperature Range - Operating -55°C to +105°C Termination Interface: Style Through Hole - Compliant Pin Series image - Reference only EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 74300Series Mates With HDM® Board-to-Board Backplane Header 73642 , 73643 , 73644 , 74349 , 74428 , 73769 , 73781 , 73770 , 73782 , 73783 , 73771 |
Similar Part No. - 74300-3143 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |