Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0678007112 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0678007112
Description  1.27mm (.050") Pitch Serial ATA High Speed Header, Vertical, Through Hole, with Locking Latch, 7 Circuits, 0.76關m (30關") Gold (Au) Plating, for 2.00mm (.079") PCB, High Temperature
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0678007112 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0678007112 Datasheet HTML 1Page - Molex Electronics Ltd. 0678007112 Datasheet HTML 2Page - Molex Electronics Ltd. 0678007112 Datasheet HTML 3Page - Molex Electronics Ltd. 0678007112 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
1.5A
Voltage - Maximum
15V DC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-67800-001
Product Specification
PS-67491-001
Sales Drawing
SD-67800-007
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0678007112

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0678007101 MOLEX8-0678007101 Datasheet
194Kb / 4P
   1.27mm (.050") Pitch Serial ATA High Speed Header, Vertical, Through Hole, withLocking Latch, 7 Circuits, Gold (Au) Flash, for 1.60mm (.063) PCB, High Temperature
0678007102 MOLEX8-0678007102 Datasheet
194Kb / 4P
   1.27mm (.050") Pitch Serial ATA High Speed Header, Vertical, Through Hole, withLocking Latch, 7 Circuits, 0.76關m (30關") Gold (Au) Plating, for 1.60mm (.063") PCB
0678007105 MOLEX8-0678007105 Datasheet
194Kb / 4P
   1.27mm (.050") Pitch Serial ATA High Speed Header, Vertical, Through Hole, withLocking Latch, 7 Circuits, 0.38關m (15關") Gold (Au) Plating, for 1.60mm (.063") PCB,
0678007121 MOLEX8-0678007121 Datasheet
194Kb / 4P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Midplane Header, Vertical, PClosed End, Guide Post No Location, No Polarization Key, 72 Circuits
0678007122 MOLEX8-0678007122 Datasheet
194Kb / 4P
   1.27mm (.050") Pitch Serial ATA High Speed Header, Vertical, Through Hole, withLocking Latch, 7 Circuits, 0.76關m (30關") Gold (Au) Plating, for 2.40mm (.079") PCB
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com