Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

0678007112 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 0678007112
Description  1.27mm (.050") Pitch Serial ATA High Speed Header, Vertical, Through Hole, with Locking Latch, 7 Circuits, 0.76μm (30μ") Gold (Au) Plating, for 2.00mm (.079") PCB, High Temperature
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX8 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

0678007112 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0678007112
Status:
Active
Overview:
serial_ata_products
Description:
1.27mm (.050") Pitch Serial ATA High Speed Header, Vertical, Through Hole, with
Locking Latch, 7 Circuits, 0.76µm (30µ") Gold (Au) Plating, for 2.00mm (.079") PCB,
High Temperature, Black, Footprint B, with PCB Locator Tabs, Lead-free
Documents:
3D Model
Product Specification PS-67491-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR 19980
UL
E29179
General
Product Family
PCB Headers
Series
67800
Application
Board-to-Board, Wire-to-Board
Comments
Staggered Solder Pin|Footprint B
Overview
serial_ata_products
Product Name
Serial ATA
Physical
Breakaway
No
Circuits (Loaded)
7
Circuits (maximum)
7
Color - Resin
Black
Durability (mating cycles max)
50
First Mate / Last Break
Yes
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.112 In
PC Tail Length (mm)
2.85 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.080 In
PCB Thickness Recommended (mm)
2.00 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Polarized to Mating Part
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-35°C to +85°C
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
67800Series


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn