Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

67581-0012 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 67581-0012
Description  1.27mm (.050") Pitch Serial ATA Crimp Terminal for Power Cable Receptacle, 0.38um (15u") Gold (Au)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

67581-0012 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  67581-0012 Datasheet HTML 1Page - Molex Electronics Ltd. 67581-0012 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 67581-0012

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
67581-0010 MOLEX8-67581-0010 Datasheet
129Kb / 2P
   1.27mm (.050") Pitch Serial ATA Crimp Terminal for Power Cable Receptacle, Gold(Au) Flash Plating, with Reel Direction - Type 2, Lead free
67581-0011 MOLEX8-67581-0011 Datasheet
129Kb / 2P
   1.27mm (.050") Pitch Serial ATA Crimp Terminal for Power Cable Receptacle, 0.76關m(30關") Gold (Au) Plating, with Reel Direction - Type 2, Lead free
67581-0019 MOLEX8-67581-0019 Datasheet
127Kb / 2P
   2.54mm (.100
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com