Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74320-3000 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 74320-3000
Description  MicroCross DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel Mount, Through Hole, Vertical
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74320-3000 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  74320-3000 Datasheet HTML 1Page - Molex Electronics Ltd. 74320-3000 Datasheet HTML 2Page - Molex Electronics Ltd. 74320-3000 Datasheet HTML 3Page - Molex Electronics Ltd. 74320-3000 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


Similar Part No. - 74320-3000

ManufacturerPart #DatasheetDescription
logo
MolexKits
74320-3000 MOLEXKITS-74320-3000 Datasheet
80Kb / 6P
   Includes HDMI, HDMI to DVI-D, MicroCross DVI-D and DVI-I, DisplayPort, IEEE1394-1395, USB Type A and B, USB OTG (On-the-Go) mini-B, Micro USB-B
74320-3000 MOLEXKITS-74320-3000 Datasheet
80Kb / 6P
   Deluxe Audio Video Data Application Kit
More results

Similar Description - 74320-3000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0743206600 MOLEX8-0743206600 Datasheet
148Kb / 3P
   MicroCross DVI-I Digital/Analog Visual Interface, PCB Receptacle, PanelMount, Through Hole, Vertical
0743203008 MOLEX8-0743203008 Datasheet
217Kb / 4P
   MicroCross DVI-A Analog Visual Interface, PCB Receptacle, Panel Mount, Through Hole, Vertical, 0.76um
0743201003 MOLEX8-0743201003 Datasheet
249Kb / 4P
   MicroCross DVI-I Digital/Analog Visual Interface, PCB Receptacle, Through Hole, Right Angle, 3.12mm
0743209064 MOLEX8-0743209064 Datasheet
269Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Through Hole,Right Angle, 2.34mm (.092
0743209020 MOLEX8-0743209020 Datasheet
191Kb / 4P
   MicroCross DVI-I Digital Interface, PCB Receptacle, Panel Mount, Through Hole, Right Angle, 0.76um
0887419400 MOLEX10-0887419400 Datasheet
101Kb / 2P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Adapter, DVI-I-Analog/Digital Receptacle to DVI Digital Plug
0743202021 MOLEX8-0743202021 Datasheet
124Kb / 3P
   MicroCross??DVI-I Digital/Analog Visual Interface, Panel Mount, Through Hole, RightAngle, PCB Extended Height Receptacle, Lead Free, Screw Hole, 4-40 Thread, 29
0887419100 MOLEX10-0887419100 Datasheet
145Kb / 4P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Adapter, DVI-I-Analog/Digital Receptacle to VGA Plug
0743201004 MOLEX8-0743201004 Datasheet
249Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel Mount,Through Hole, Right Angle, Gold (Au) Flash Plating, Screw Hole, 4-40 Thread, 2.34mm
0743201007 MOLEX8-0743201007 Datasheet
249Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Through HoleRight Angle, Gold (Au) Flash Plating, 3.12mm (.123
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com