Electronic Components Datasheet Search |
|
74301-5018 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
74301-5018 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 5 page This document was generated on 05/15/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0743015018 Status: Active Overview: hdm Description: 2.00mm (.079") Pitch HDM® Board-to-Board Backplane Header, Vertical, SMC, Press- Fit, Extended PC Tail, Polar/Guide Option, 144 Circuits Documents: Drawing (PDF) RoHS Certificate of Compliance (PDF) General Product Family Backplane Connectors Series 74301 Application Backplane Component Type PCB Header Overview hdm Product Name HDM® Style N/A Physical Circuits (Loaded) 144 Circuits (maximum) 144 Color - Resin Black, Natural Durability (mating cycles max) 250 First Mate / Last Break No Guide to Mating Part No Keying to Mating Part None Material - Metal Phosphor Bronze, Stainless Steel Material - Plating Mating Gold Material - Plating Termination Tin-Lead Material - Resin High Temperature Thermoplastic Number of Columns 24 Number of Pairs Open Pin Field Number of Rows 6 Orientation Vertical PC Tail Length (in) 0.276 In PC Tail Length (mm) 7.00 mm PCB Locator No PCB Retention Yes PCB Thickness Recommended (in) 0.098 In PCB Thickness Recommended (mm) 2.50 mm Packaging Type Tube Pitch - Mating Interface (in) 0.079 In Pitch - Mating Interface (mm) 2.00 mm Pitch - Term. Interface (in) 0.079 In Pitch - Term. Interface (mm) 2.00 mm Plating min: Mating (µin) 30 Plating min: Mating (µm) 0.75 Plating min: Termination (µin) 15 Plating min: Termination (µm) 0.375 Polarized to PCB No Stackable No Surface Mount Compatible (SMC) Yes Temperature Range - Operating -55°C to +105°C Termination Interface: Style Through Hole - Compliant Pin Electrical Series image - Reference only EU RoHS China RoHS Compliance Status Not Reviewed REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 74301Series |
Similar Part No. - 74301-5018 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |