Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD2493 Datasheet(PDF) 1 Page - Sanken electric

Part # 2SD2493
Description  Silicon NPN Triple Diffused Planar Transistor(Audio, Series Regulator and General Purpose)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SD2493 Datasheet(HTML) 1 Page - Sanken electric

  2SD2493 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
153
Darlington
2SD2493
I C– V CE Characteristics (Typical)
h FE– I C Characteristics (Typical)
h FE– I C Temperature Characteristics (Typical)
θj-a–t Characteristics
I C– V BE Temperature Characteristics (Typical)
V CE(sat) – I B Characteristics (Typical)
Pc – T a Derating
Safe Operating Area (Single Pulse)
f T– I E Characteristics (Typical)
0
0
2
4
6
26
4
Collector-Emitter Voltage V CE(V)
I B=0.1mA
0.5mA
0.4mA
0.3mA
0.2mA
0.02
0.1
0.5
1
6
5
Collector Current I C(A)
(V CE=4V)
1000
500
200
5000
10000
40000
Typ
0.5
1
5
1
1 0
100
1000
5
5 0
500
2000
Time t(ms)
0
6
4
2
0
2.5
2
1
Base-Emittor Voltage V BE(V)
(V CE=4V)
60
40
20
3.5
0
0
2 5
5 0
7 5
100
125
150
Ambient Temperature Ta(˚C)
Without Heatsink
10
50
5
3
100
200
0.05
1
0.5
0.1
10
20
5
Collector-Emitter Voltage V CE(V)
DC
0
3
2
1
0.1
1
0.5
10
5
100
50
Base Current I B(mA)
I C=5A
I C=3A
(V CE=4V)
0.02
0.1
5
16
0.5
Collector Current I C(A)
1000
500
100
5000
10000
40000
125˚C
25˚C
–30˚C
–0.02
–0.1
–1
–6
0
40
20
80
60
(V CE=12V)
Emitter Current I E(A)
Typ
Without Heatsink
Natural Cooling
Application : Audio, Series Regulator and General Purpose
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
2SD2493
110
110
5
6
1
60(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
VBE(sat)
fT
COB
2SD2493
100max
100max
110min
5000min
2.5max
3.0max
60typ
55typ
Unit
µA
µA
V
V
V
MHz
pF
Conditions
VCB=110V
VEB=5V
IC=30mA
VCE=4V, IC=5A
IC=5A, IB=5mA
IC=5A, IB=5mA
VCE=12V, IE=–2A
VCB=10V, f=1MHz
(Ta=25°C)
(Ta=25°C)
Silicon NPN Triple Diffused Planar Transistor (Complement to type 2SB1624)
sTypical Switching Characteristics (Common Emitter)
VCC
(V)
30
RL
(
Ω)
6
IC
(A)
5
VBB2
(V)
–5
IB2
(mA)
–5
ton
(
µs)
0.8typ
tstg
(
µs)
6.2typ
tf
(
µs)
1.1typ
IB1
(mA)
5
VBB1
(V)
10
External Dimensions MT-100(TO3P)
15.6±0.4
9.6
ø3.2±0.1
2
3
1.05
+0.2
-0.1
BE
5.45±0.1
5.45±0.1
C
4.8±0.2
0.65
+0.2
-0.1
1.4
2.0±0.1
a
b
Weight : Approx 6.0g
a. Type No.
b. Lot No.
B
C
E
(70
Ω)
Equivalent circuit
∗hFE Rank O(5000to12000), P(6500to20000), Y(15000to30000)


Similar Part No. - 2SD2493

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SD2493 SAVANTIC-2SD2493 Datasheet
147Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Quanzhou Jinmei Electro...
2SD2493 JMNIC-2SD2493 Datasheet
95Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Inchange Semiconductor ...
2SD2493 ISC-2SD2493 Datasheet
138Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Savantic, Inc.
2SD2493 SAVANTIC-2SD2493 Datasheet
149Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Quanzhou Jinmei Electro...
2SD2493 JMNIC-2SD2493_15 Datasheet
95Kb / 3P
   Silicon NPN Darlington Power Transistors
More results

Similar Description - 2SD2493

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SD2401 SANKEN-2SD2401 Datasheet
24Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Audio, Series Regulator and General Purpose)
2SD2495 SANKEN-2SD2495 Datasheet
24Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Audio, Series Regulator and General Purpose)
2SD2560 SANKEN-2SD2560 Datasheet
24Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Audio, Series Regulator and General Purpose)
2SD2390 SANKEN-2SD2390 Datasheet
25Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Audio, Series Regulator and General Purpose)
2SD2589 SANKEN-2SD2589 Datasheet
22Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Audio, Series Regulator and General Purpose)
2SD2438 SANKEN-2SD2438 Datasheet
25Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Audio, Series Regulator and General Purpose)
2SD2439 SANKEN-2SD2439 Datasheet
25Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Audio, Series Regulator and General Purpose)
2SD2494 SANKEN-2SD2494 Datasheet
25Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Audio, Series Regulator and General Purpose)
2SD2389 SANKEN-2SD2389 Datasheet
25Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Audio, Series Regulator and General Purpose)
2SD2561 SANKEN-2SD2561 Datasheet
24Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Audio, Series Regulator and General Purpose)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com