Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SD2081 Datasheet(PDF) 1 Page - Sanken electric

Part No. 2SD2081
Description  Silicon NPN Triple Diffused Planar Transistor(Driver for Solenoid, Motor and General Purpose)
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANKEN [Sanken electric]
Homepage  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SD2081 Datasheet(HTML) 1 Page - Sanken electric

  2SD2081 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
145
Darlington
2SD2081
I C– V CE Characteristics (Typical)
h FE– I C Characteristics (Typical)
h FE– I C Temperature Characteristics (Typical)
θj-a–t Characteristics
I C– V BE Temperature Characteristics (Typical)
V CE(sat) – I B Characteristics (Typical)
Pc – T a Derating
0
3
2
1
0.2
1
0.5
10
5
200
100
50
Base Current I B(mA)
1A
5A
I C=10A
Safe Operating Area (Single Pulse)
0
0
5
10
15
2
13
5
46
Collector-Emitter Voltage V CE(V)
1mA
2mA
3mA
5mA
0.7mA
10mA
I B=0.5mA
0
10
8
6
4
2
02
3
1
Base-Emittor Voltage V BE(V)
(V CE=4V)
0.03
0.1
1
0.5
10
5
5000
20000
10000
1000
500
100
30
50
Collector Current I C(A)
(V CE=4V)
Typ
0.03
0.1
1
0.5
10
5
5000
20000
10000
1000
500
100
30
50
Collector Current I C(A)
(V CE=4V)
125˚C
–30˚C
25˚C
1ms
10ms
10
50
5
3
100
200
0.05
0.1
1
0.5
10
30
5
Collector-Emitter Voltage V CE(V)
DC
Without Heatsink
Natural Cooling
0.2
1
5
0.5
1
1 0
100
1000
Time t(ms)
30
20
10
2
0
0
2 5
5 0
7 5
100
125
150
Ambient Temperature Ta(˚C)
Without Heatsink
f T– I E Characteristics (Typical)
–0.05 –0.1
–0.5
–1
–5
–10
0
80
100
60
40
20
120
(V CE=12V)
Emitter Current I E(A)
Typ
Silicon NPN Triple Diffused Planar Transistor (Complement to type 2SB1259)
Application : Driver for Solenoid, Motor and General Purpose
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
Ratings
120
120
6
10(Pulse15)
1
30(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
Ratings
10max
10max
120min
2000min
1.5max
2.0max
60typ
95typ
Unit
µA
mA
V
V
V
MHz
pF
Conditions
VCB=120V
VEB=6V
IC=10mA
VCE=4V, IC=5A
IC=5A, IB=5mA
IC=5A, IB=5mA
VCE=12V, IE=–0.5A
VCB=10V, f=1MHz
(Ta=25°C)
(Ta=25°C)
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
VBE(sat)
fT
COB
External Dimensions FM20(TO220F)
ø3.3±0.2
10.1±0.2
2.54
2.54
1.35±0.15
0.85
+0.2
-0.1
1.35±0.15
2.2±0.2
4.2±0.2
2.8
c0.5
2.4±0.2
0.45
+0.2
-0.1
BE
C
a
b
Weight : Approx 2.0g
a. Part No.
b. Lot No.
B
C
E
(2k
Ω) (200Ω)
Equivalent
circuit


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn