Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SD2014 Datasheet(PDF) 1 Page - Sanken electric

Part No. 2SD2014
Description  Silicon NPN Triple Diffused Planar Transistor(Driver for Solenoid, Relay and Motor, Series Regulator, and General Purpose)
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANKEN [Sanken electric]
Homepage  http://www.sanken-ele.co.jp/en
Logo 

2SD2014 Datasheet(HTML) 1 Page - Sanken electric

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
140
Darlington
2SD2014
I C– V CE Characteristics (Typical)
h FE– I C Characteristics (Typical)
θj-a–t Characteristics
0
0
1
2
4
3
2
13
4
Collector-Emitter Voltage V CE(V)
0.3mA
1.0mA
0.4mA
0.5mA
0.8mA
0.6mA
Safe Operating Area (Single Pulse)
4
1
0.1
0.5
0.03
50
30
500
100
1000
10000
20000
5000
Collector Current I C(A)
(V CE=4V)
10
50
3
5
100
0.05
0.1
1
0.5
10
5
Collector-Emitter Voltage V CE(V)
Without Heatsink
Natural Cooling
DC
100ms
10ms
1ms
0.5
1
5
1
1 0
100
1000
5
5 0
500
Time t(ms)
Typ
V CE(sat) – I B Characteristics (Typical)
0
3
2
1
0.2
5
1 0
1
100
50
Base Current I B(mA)
I C=4A
2A
1A
3A
I C– V BE Temperature Characteristics (Typical)
02
1
Base-Emittor Voltage V BE(V)
(V CE=4V)
0
3
4
2
1
h FE– I C Temperature Characteristics (Typical)
Collector Current I C(A)
0.03
0.5
1
4
0.1
100
50
30
500
1000
5000
10000
20000
(V CE=4V)
125˚C
25˚C
–30˚C
f T– I E Characteristics (Typical)
–0.02
–0.05 –0.1
–0.5
–1
–4
0
20
40
120
100
60
80
(V CE=10V)
Emitter Current I E(A)
Typ
Pc – T a Derating
25
20
10
2
0
0
2 5
5 0
7 5
100
125
150
Ambient Temperature Ta(˚C)
Without Heatsink
150x150x2
50x50x2
10 0 x10
0x2
Natural Cooling
Silicone Grease
Heatsink: Aluminum
in mm
Silicon NPN Triple Diffused Planar Transistor (Complement to type 2SB1257)
Application : Driver for Solenoid, Relay and Motor, Series Regulator, and General Purpose
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
Ratings
120
80
6
4
0.5
25(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
Ratings
10max
10max
80min
2000min
1.5max
2.0max
75typ
45typ
Unit
µA
mA
V
V
V
MHz
pF
Conditions
VCB=120V
VEB=6V
IC=10mA
VCE=2V, IC=3A
IC=3A, IB=3mA
IC=3A, IB=3mA
VCE=12V, IE=–0.1A
VCB=10V, f=1MHz
(Ta=25°C)
(Ta=25°C)
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
VBE(sat)
fT
COB
External Dimensions FM20(TO220F)
ø3.3±0.2
10.1±0.2
2.54
2.54
1.35±0.15
0.85
+0.2
-0.1
1.35±0.15
2.2±0.2
4.2±0.2
2.8
c0.5
2.4±0.2
0.45
+0.2
-0.1
BE
C
a
b
sTypical Switching Characteristics (Common Emitter)
VCC
(V)
30
RL
(
Ω)
10
IC
(A)
3
VBB2
(V)
–5
IB2
(mA)
–10
ton
(
µs)
1.0typ
tstg
(
µs)
4.0typ
tf
(
µs)
1.5typ
IB1
(mA)
10
VBB1
(V)
10
Weight : Approx 2.0g
a. Part No.
b. Lot No.
B
C
E
(3k
Ω) (200Ω)
Equivalent
circuit


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn