Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74320-9004 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 74320-9004
Description  MicroCross??DVI-D Digital Visual Interface, PCB Receptacle, Panel Mount, ThroughHole, ATX with Beveled Metal Pins, Right Angle, Gold (Au) Flash, 2.34mm (.092")
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74320-9004 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  74320-9004 Datasheet HTML 1Page - Molex Electronics Ltd. 74320-9004 Datasheet HTML 2Page - Molex Electronics Ltd. 74320-9004 Datasheet HTML 3Page - Molex Electronics Ltd. 74320-9004 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 04/05/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0743209004
Status:
Active
Description:
MicroCross™ DVI-D Digital Visual Interface, PCB Receptacle, Panel Mount, Through
Hole, ATX with Beveled Metal Pins, Right Angle, Gold (Au) Flash, 2.34mm (.092")
Solder Tail Length, Screw Hole, 4-40 Thread, 24 Circuits, Lead Free
Documents:
Drawing (PDF)
Product Specification PS-74320-001 (PDF)
Test Summary (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E29179
General
Product Family
I/O Connectors
Series
74320
Application
Wire-to-Board
Comments
DDWG (Digital Display Working Group) Standard
Component Type
Receptacle
Product Name
MicroCross™DVI
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
24
Circuits (maximum)
24
Color - Resin
Natural
Durability (mating cycles max)
100
Flammability
94V-0
Gender
Receptacle
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Number of Rows
3
Orientation
Right Angle
PC Tail Length (in)
0.092 In
PC Tail Length (mm)
2.34 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Panel Mount
Yes
Pitch - Mating Interface (in)
0.075 In
Pitch - Mating Interface (mm)
1.91 mm
Pitch - Term. Interface (in)
0.075 In
Pitch - Term. Interface (mm)
1.91 mm
Plating min: Mating (µin)
2
Plating min: Mating (µm)
0.05
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.50
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
1
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
74320Series
Mates With
88744 , 74323
Use With
71781 Panel Mount Hex Screw Kit


Similar Part No. - 74320-9004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74320-9000 MOLEX8-74320-9000 Datasheet
216Kb / 4P
   MicroCross??DVI-D Digital Visual Interface, PCB Receptacle, Panel Mount, ThroughHole, ATX with Beveled Metal Pins, Right Angle, 0.76關m (30關") Gold (Au), 2.34mm
74320-9006 MOLEX8-74320-9006 Datasheet
108Kb / 2P
   MicroCross??DVI-D Digital Visual Interface, PCB Receptacle, Panel Mount, ThroughHole, ATX with Beveled Metal Pins, Right Angle, 0.76關m (30關
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com