Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0717640026 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part No. 0717640026
Description  2.54mm (.100") Pitch C-Grid® Breakaway Header, Low Profile, Dual Row, Right AngleHigh Temperature, 26 Circuits, Tin (Sn) Plating
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX8 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

0717640026 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
71764
REV:
ECR/ECN INFORMATION
SHEET No.
EC No:
UCP2007-0449
A
DATE:
2006-08-18
TITLE:
DUAL ROW WAFER ASS’Y
W/ BREAK-OFF OPTION RT.
ANG. (0.64)/.025 SQ PINS
- 3 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-71764-001
PRIDDER
ADERR
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
ITEM NO: 71764-0304/0330
ITEM NO: 71764-0404/0430
ITEM NO: 71764-0504/0530
DIM. C
(8.13)/.320
DIM. C
(8.13)/.320
DIM. C
(8.13)/.320
DIM. E (REF.)
(2.79)/.110
DIM. E (REF.)
(2.79)/.110
DIM. E (REF.)
(2.79)/.110
PLATING FINISH
TIN
PLATING FINISH
15 GOLD
PLATING FINISH
30 GOLD
CONNECTOR END PLATING
TIN
CONNECTOR END PLATING
GOLD
CONNECTOR END PLATING
GOLD
P.C. BOARD END PLATING
TIN
P.C. BOARD END PLATING
TIN
P.C. BOARD END PLATING
TIN
PACKAGING
SEE NOTE 4 SHEET 1
PACKAGING
SEE NOTE 4 SHEET 1
PACKAGING
SEE NOTE 4 SHEET 1
CKTS
ITEM NUMBER
VOIDS
CKTS
ITEM NUMBER
VOIDS
CKTS
ITEM NUMBER
VOIDS
04
71764-0304
04
71764-0404
04
71764-0504
06
71764-0306
06
71764-0406
06
71764-0506
08
71764-0308
08
71764-0408
08
71764-0508
10
71764-0310
10
71764-0410
10
71764-0510
12
71764-0312
12
71764-0412
12
71764-0512
14
71764-0314
14
71764-0414
14
71764-0514
16
71764-0316
16
71764-0416
16
71764-0516
18
71764-0318
18
71764-0418
18
71764-0518
20
71764-0320
20
71764-0420
20
71764-0520
22
71764-0322
22
71764-0422
22
71764-0522
24
71764-0324
24
71764-0424
24
71764-0524
26
71764-0326
26
71764-0426
26
71764-0526
28
71764-0328
28
71764-0428
28
71764-0528
30
71764-0330
30
71764-0430
30
71764-0530


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn