Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74323-2103 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 74323-2103
Description  MicroCross??DVI Digital Dual Channel, High Volume Plug Connector Sub- assemblyfor PCB Mount, Gold (Au) Flash, Vertical, with key, 24 Circuits, Lead Free
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74323-2103 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  74323-2103 Datasheet HTML 1Page - Molex Electronics Ltd. 74323-2103 Datasheet HTML 2Page - Molex Electronics Ltd. 74323-2103 Datasheet HTML 3Page - Molex Electronics Ltd. 74323-2103 Datasheet HTML 4Page - Molex Electronics Ltd. 74323-2103 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 04/05/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0743232103
Status:
Active
Description:
MicroCross™ DVI Digital Dual Channel, High Volume Plug Connector Sub- assembly,
for PCB Mount, Gold (Au) Flash, Vertical, with key, 24 Circuits, Lead Free
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-74320-001 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
I/O Connectors
Series
74323
Application
Wire-to-Board
Comments
DDWG (Digital Display Working Group) Standard
Component Type
I/O Plug Connector Subassembly
Product Name
MicroCross™DVI
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
24
Circuits (maximum)
29
Circuits Detail
Circuits 1-24 are loaded; with key
Color - Resin
Black
Durability (mating cycles max)
100
Flammability
94V-0
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
3
Orientation
Vertical
PCB Retention
None
Packaging Type
Tray
Panel Mount
N/A
Pitch - Mating Interface (in)
0.075 In, 0.100 In
Pitch - Mating Interface (mm)
1.90 mm, 2.54 mm
Pitch - Term. Interface (in)
0.075 In, 0.100 In
Pitch - Term. Interface (mm)
1.90 mm, 2.54 mm
Plating min: Mating (µin)
10
Plating min: Mating (µm)
0.25
Plating min: Termination (µin)
150
Plating min: Termination (µm)
3.80
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
1
Temperature Range - Operating
-20°C to +85°C
Termination Interface: Style
Solder or Weld
Waterproof / Dustproof
No
Wire Size AWG
N/A
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
74323Series
Mates With
Other receptacle components, 74320 DVI
Receptacle, 67351 DVI Receptacle


Similar Part No. - 74323-2103

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74323-2101 MOLEX8-74323-2101 Datasheet
445Kb / 5P
   MicroCross??DVI Digital Single Channel, High Volume Plug Connector Sub- assembly,for PCB Mount, Gold (Au) Flash, Vertical, with key, 18 Circuits, Lead Free
More results

Similar Description - 74323-2103

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0743232003 MOLEX8-0743232003 Datasheet
225Kb / 4P
   MicroCross??DVI Digital Dual Link Component, High Volume Plug Connector Subassembly,Vertical, Gold (Au) Flash, with key, 24 Circuits, Lead Free
0743232101 MOLEX8-0743232101 Datasheet
445Kb / 5P
   MicroCross??DVI Digital Single Channel, High Volume Plug Connector Sub- assembly,for PCB Mount, Gold (Au) Flash, Vertical, with key, 18 Circuits, Lead Free
0743232051 MOLEX8-0743232051 Datasheet
221Kb / 4P
   MicroCross??DVI Digital Single Link, High Volume Plug Connector Sub- assemblyESD Type, Gold (Au) Flash, Vertical, with key, 18 Circuits, Lead Free
0743232111 MOLEX8-0743232111 Datasheet
453Kb / 5P
   MicroCross??DVI Analog, High Volume Plug Connector Sub-assembly, for PCBMount, Vertical, Gold (Au) Flash, 23 Circuits, Lead Free
0743232004 MOLEX8-0743232004 Datasheet
225Kb / 4P
   MicroCross??DVI Digital Dual Link Component, High Volume Plug Connector SubassemblyVertical, 0.76關m (30關") Gold (Au), with key, 24 Circuits, Lead Free
0743232061 MOLEX8-0743232061 Datasheet
221Kb / 4P
   MicroCross??DVI Analog, Single Link, High Volume Plug Connector Sub- assemblyESD Type, Vertical, Gold (Au) Flash, 17 Circuits, Lead Free
0743232011 MOLEX8-0743232011 Datasheet
224Kb / 4P
   MicroCross??DVI Analog, High Volume Plug Connector Sub-assembly, Vertical, GoldAu) Flash, 17 Circuits, Lead Free
0743232031 MOLEX8-0743232031 Datasheet
226Kb / 4P
   MicroCross??DVI Digital/Analog Single Link Component, High Volume Plug ConnectorSub-assembly, Vertical, Gold (Au) Flash, 23 Circuits, Lead Free
0743232131 MOLEX8-0743232131 Datasheet
445Kb / 5P
   MicroCross??DVI-I Integrated Digital/Analog Single Channel High Volume PlugConnector Sub-assembly, for PCB Mount, Vertical, Gold (Au) Flash, 23 Circuits, Lead
0743232033 MOLEX8-0743232033 Datasheet
226Kb / 4P
   MicroCross??DVI Digital/Analog Dual Link Component, Gold (Au) Flash, High VolumePlug Connector Sub-assembly, Vertical, 29 Circuits, Lead Free
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com