Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74040-1343 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 74040-1343
Description  2.00mm (.079") Pitch 8-Row VHDM??DaugherCard, 25 Wafers, 200 Circuits, Tin LeadGuide Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74040-1343 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  74040-1343 Datasheet HTML 1Page - Molex Electronics Ltd. 74040-1343 Datasheet HTML 2Page - Molex Electronics Ltd. 74040-1343 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Data Rate
3.125 Gbps
Shielded
Yes
Voltage - Maximum
120V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70873-5041
Product Specification
PS-74031-999
Sales Drawing
SD-74040-1343
VHDM is a trademark of Amphenol Corporation
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 74040-1343

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74040-1344 MOLEX8-74040-1344 Datasheet
336Kb / 3P
   2.00mm (.079") Pitch 8-Row VHDM??DaugherCard, 45 Wafers, 360 Circuits, Tin Lead,Guide Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com