Electronic Components Datasheet Search |
|
74320-1006 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
74320-1006 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 4 page This document was generated on 04/05/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0743201006 Status: Active Description: MicroCross™ DVI-I Digital/Analog Visual Interface, PCB Receptacle, Through Hole, Right Angle, Gold (Au) Flash Plating, 2.79mm (.110") P.C. Tail Length, 28 Circuits, Lead Free Documents: Drawing (PDF) RoHS Certificate of Compliance (PDF) Product Specification PS-74320-001 (PDF) Agency Certification UL E29179 General Product Family I/O Connectors Series 74320 Application Wire-to-Board Comments DDWG (Digital Display Working Group) Standard Component Type Receptacle Product Name MicroCross™DVI Type N/A Physical Boot Color N/A Circuits (Loaded) 28 Circuits (maximum) 28 Color - Resin Natural Durability (mating cycles max) 100 Flammability 94V-0 Gender Receptacle Keying to Mating Part Yes Lock to Mating Part Yes Material - Metal Copper Alloy Material - Plating Mating Gold Material - Plating Termination Tin Number of Rows 3 Orientation Right Angle PC Tail Length (in) 0.110 In PC Tail Length (mm) 2.79 mm PCB Locator Yes PCB Retention Yes Packaging Type Tray Panel Mount Yes Pitch - Mating Interface (in) 0.075 In Pitch - Mating Interface (mm) 1.91 mm Pitch - Term. Interface (in) 0.075 In Pitch - Term. Interface (mm) 1.91 mm Plating min: Mating (µin) 2 Plating min: Mating (µm) 0.05 Plating min: Termination (µin) 100 Plating min: Termination (µm) 2.50 Polarized to Mating Part Yes Polarized to PCB Yes Ports 1 Surface Mount Compatible (SMC) No Temperature Range - Operating -20°C to +85°C Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 74320Series Mates With 88744 , 74323 Use With Hex Screw Kit 71781-0001 or 71781-0002 |
Similar Part No. - 74320-1006 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |