Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SA1694 Datasheet(PDF) 1 Page - Sanken electric

Part No. 2SA1694
Description  Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANKEN [Sanken electric]
Homepage  http://www.sanken-ele.co.jp/en
Logo 

2SA1694 Datasheet(HTML) 1 Page - Sanken electric

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
28
Silicon PNP Epitaxial Planar Transistor (Complement to type 2SC4467)
Application : Audio and General Purpose
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
2SA1694
–120
–120
–6
–8
–3
80(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
sTypical Switching Characteristics (Common Emitter)
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
fT
COB
2SA1694
–10max
–10max
–120min
50min
–1.5max
20typ
300typ
Unit
µA
µA
V
V
MHz
pF
Conditions
VCB=–120V
VEB=–6V
IC=–50mA
VCE=–4V, IC=–3A
IC=–3A, IB=–0.3A
VCE=–12V, IE=0.5A
VCB=–10V, f=1MHz
2SA1694
(Ta=25°C)
(Ta=25°C)
VCC
(V)
–40
RL
(
Ω)
10
IC
(A)
–4
VBB2
(V)
5
IB2
(A)
0.4
ton
(
µs)
0.14typ
tstg
(
µs)
1.40typ
tf
(
µs)
0.21typ
IB1
(A)
–0.4
VBB1
(V)
–10
I C– V CE Characteristics (Typical)
h FE– I C Characteristics (Typical)
Safe Operating Area (Single Pulse)
h FE– I C Temperature Characteristics (Typical)
I C– V BE Temperature Characteristics (Typical)
V CE(sat) – I B Characteristics (Typical)
Pc – T a Derating
0
0
–2
–4
–6
–8
–1
–2
–3
–4
Collector-Emitter Voltage V CE(V)
–200mA
–150mA
–25mA
–100mA
–75mA
–50mA
I B=–10mA
0
–3
–2
–1
0
–0.1 –0.2 –0.3 –0.4 –0.5 –0.6 –0.7 –0.8 –0.9 –1.0
Base Current I B(A)
I C=–8A
–4A
–2A
–0.02
–0.1
–0.5
–1
–8
–5
30
50
100
200
Collector Current I C(A)
(V CE=–4V)
Typ
–10
–50
–5
–100
–200
–0.1
–1
–0.5
–10
–20
–5
Collector-Emitter Voltage V CE(V)
Without Heatsink
Natural Cooling
DC
100ms
10ms
0.02
0.1
0.05
0.5
1
5
8
0
20
10
30
(V CE=–12V)
Emitter Current I E(A)
Typ
0.3
1
3
0.5
1
1 0
100
1000
Time t(ms)
θj-a–t Characteristics
f T– I E Characteristics (Typical)
80
60
40
20
3.5
0
0
2 5
5 0
7 5
100
125
150
Ambient Temperature Ta(˚C)
Without Heatsink
0
–8
–6
–2
–4
0
–1.5
–1.0
–0.5
Base-Emittor Voltage V BE(V)
(V CE=–4V)
(V CE=–4V)
–0.02
–0.1
–0.5
–1
–5
–8
30
50
100
300
125˚C
25˚C
–30˚C
Collector Current I C(A)
External Dimensions MT-100(TO3P)
15.6±0.4
9.6
ø3.2±0.1
2
3
1.05
+0.2
-0.1
BE
5.45±0.1
5.45±0.1
C
4.8±0.2
0.65
+0.2
-0.1
1.4
2.0±0.1
a
b
Weight : Approx 6.0g
a. Type No.
b. Lot No.
∗hFE Rank O(50to100), P(70to140), Y(90to180)


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn