Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM684002E-20 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # KM684002E-20
Description  512Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial, Extended and Industrial Temperature Range.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM684002E-20 Datasheet(HTML) 5 Page - Samsung semiconductor

  KM684002E-20 Datasheet HTML 1Page - Samsung semiconductor KM684002E-20 Datasheet HTML 2Page - Samsung semiconductor KM684002E-20 Datasheet HTML 3Page - Samsung semiconductor KM684002E-20 Datasheet HTML 4Page - Samsung semiconductor KM684002E-20 Datasheet HTML 5Page - Samsung semiconductor KM684002E-20 Datasheet HTML 6Page - Samsung semiconductor KM684002E-20 Datasheet HTML 7Page - Samsung semiconductor KM684002E-20 Datasheet HTML 8Page - Samsung semiconductor KM684002E-20 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
KM684002, KM684002E, KM684002I
CMOS SRAM
PRELIMINARY
Rev 3.0
- 5 -
June -1997
TIMING DIAGRAMS
TIMING WAVE FORM OF READ CYCLE(1)(Address Controlled, CS=OE=VIL, WE=VIH)
ADD
Data Out
Previous Data Valid
Data Valid
WRITE CYCLE
NOTE: Above parameters are also guaranteed at extended and industrial temperature ranges.
Parameter
Symbol
KM684002-17
KM684002-20
KM684002-25
Unit
Min
Max
Min
Max
Min
Max
Write Cycle Time
tWC
17
-
20
-
25
-
§À
Chip Select to End of Write
tCW
12
-
13
-
15
-
§À
Address Set-up Time
tAS
0
-
0
-
0
-
§À
Address Valid to End of Write
tAW
12
-
13
-
15
-
§À
Write Pulse Width(OE High)
tWP
12
-
13
-
15
-
§À
Write Pulse Width(OE Low)
tWP1
17
-
20
-
25
-
§À
Write Recovery Time
tWR
0
-
0
-
0
-
§À
Write to Output High-Z
tWHZ
0
8
0
8
0
10
§À
Data to Write Time Overlap
tDW
8
-
9
-
10
-
§À
Data Hold from Write Time
tDH
0
-
0
-
0
-
§À
End Write to Output Low-Z
tOW
3
-
4
-
5
-
§À
tRC
tAA
tOH


Similar Part No. - KM684002E-20

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM684000 SAMSUNG-KM684000 Datasheet
344Kb / 7P
   524, 288 WORD x 8 BIT HIGH SPEED CMOS STATIC RAM
KM684000ALG-5 SAMSUNG-KM684000ALG-5 Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
KM684000ALG-7L SAMSUNG-KM684000ALG-7L Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
KM684000ALGI-7L SAMSUNG-KM684000ALGI-7L Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
KM684000ALP-7 SAMSUNG-KM684000ALP-7 Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
More results

Similar Description - KM684002E-20

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM681002B SAMSUNG-KM681002B Datasheet
171Kb / 8P
   128Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM641003A SAMSUNG-KM641003A Datasheet
123Kb / 8P
   256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out Operated at Commercial and Industrial Temperature Range
K6R4008C1C-C SAMSUNG-K6R4008C1C-C Datasheet
134Kb / 9P
   512Kx8 Bit High Speed Static RAM(5V Operating). Operated at Extended and Industrial Temperature Ranges.
KM681002A SAMSUNG-KM681002A Datasheet
171Kb / 9P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
K6R1008V1B SAMSUNG-K6R1008V1B Datasheet
184Kb / 9P
   128Kx8 Bit High Speed Static RAM(3.3V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges
KM68257C SAMSUNG-KM68257C Datasheet
190Kb / 10P
   32Kx8 Bit High Speed Static RAM(5V Operating(, Evolutionary Pin out. Operated at Commercial Temperature Range.
K6R4008V1D SAMSUNG-K6R4008V1D Datasheet
239Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1D-KI10T00 SAMSUNG-K6R4008V1D-KI10T00 Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1C-C SAMSUNG-K6R4008V1C-C Datasheet
139Kb / 9P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R1008C1B- SAMSUNG-K6R1008C1B- Datasheet
169Kb / 8P
   128Kx8 Bit High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com