Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM6164002 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # KM6164002
Description  CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM6164002 Datasheet(HTML) 7 Page - Samsung semiconductor

  KM6164002 Datasheet HTML 1Page - Samsung semiconductor KM6164002 Datasheet HTML 2Page - Samsung semiconductor KM6164002 Datasheet HTML 3Page - Samsung semiconductor KM6164002 Datasheet HTML 4Page - Samsung semiconductor KM6164002 Datasheet HTML 5Page - Samsung semiconductor KM6164002 Datasheet HTML 6Page - Samsung semiconductor KM6164002 Datasheet HTML 7Page - Samsung semiconductor KM6164002 Datasheet HTML 8Page - Samsung semiconductor KM6164002 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
KM6164002, KM6164002E, KM6164002I
CMOS SRAM
PRELIMINARY
Rev 2.0
- 3 -
June -1997
ABSOLUTE MAXIMUM RATINGS*
* Stresses greater than those listed under "Absolute Maximum Rating" may cause permanent damage to the device. This is a stress ra ting only and func-
tional operation of the device at these at these or any other conditions above those indicated in the operating sections of this
specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Parameter
Symbol
Rating
Unit
Voltage on Any Pin Relative to VSS
VIN, VOUT
-0.5 to 7.0
V
Voltage on VCC Supply Relative to VSS
VCC
-0.5 to 7.0
V
Power Dissipation
PD
1.0
W
Storage Temperature
TSTG
-65 to 150
°C
Operating Temperature
Commercial
TA
0 to 70
°C
Extended
TA
-25 to 85
°C
Industrial
TA
-40 to 85
°C
RECOMMENDED DC OPERATING CONDITIONS(TA=0 to 70
°C)
NOTE: Above parameters are also guaranteed at extended and industrial temperature ranges.
* VIL(Min) = -2.0V a.c(Pulse Width
≤10ns) for I≤20§Ì
** VIH(Max) = VCC + 2.0V a.c (Pulse Width
≤10ns) for I≤20§Ì
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VCC
4.5
5.0
5.5
V
Ground
VSS
0
0
0
V
Input Low Voltage
VIH
2.2
-
VCC+0.5**
V
Input Low Voltage
VIL
-0.5*
-
0.8
V
DC AND OPERATING CHARACTERISTICS(TA=0 to 70
°C, Vcc=5.0V±10%, unless otherwise specified)
NOTE: Above parameters are also guaranteed at extended and industrial temperature ranges.
* VCC=5.0V
±5% Temp. = 25°C
Parameter
Symbol
Test Conditions
Min
Max
Unit
Input Leakage Current
ILI
VIN = VSS to VCC
-2
2
µA
Output Leakage Current
ILO
CS=VIH or OE=VIH or WE=VIL
VOUT = VSS to VCC
-2
2
µA
Operating Current
ICC
Min. Cycle, 100% Duty
CS=VIL, VIN = VIH or VIL, IOUT=0mA
20ns
-
240
§Ì
25ns
-
220
Standby Current
ISB
Min. Cycle, CS=VIH
-
60
§Ì
ISB1
f=0MHz, CS
≥VCC-0.2V,
VIN
≥VCC-0.2V or VIN≤0.2V
-
10
§Ì
Output Low Voltage Level
VOL
IOL=8mA
-
0.4
V
Output High Voltage Level
VOH
IOH=-4mA
2.4
-
V
VOH1*
IOH1=-0.1mA
-
3.95
V
CAPACITANCE*(TA=25
°C, f=1.0MHz)
* NOTE : Capacitance is sampled and not 100% tested.
Item
Symbol
Test Conditions
MIN
Max
Unit
Input/Output Capacitance
CI/O
VI/O=0V
-
8
pF
Input Capacitance
CIN
VIN=0V
-
6
pF


Similar Part No. - KM6164002

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM6164000B SAMSUNG-KM6164000B Datasheet
151Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
KM6164000BL-L SAMSUNG-KM6164000BL-L Datasheet
151Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
KM6164000BLI-L SAMSUNG-KM6164000BLI-L Datasheet
151Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
KM6164000BLR-5L SAMSUNG-KM6164000BLR-5L Datasheet
151Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
KM6164000BLR-7L SAMSUNG-KM6164000BLR-7L Datasheet
151Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
More results

Similar Description - KM6164002

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T4016C3C SAMSUNG-K6T4016C3C Datasheet
148Kb / 9P
   CMOS SRAM
K6X8008T2B SAMSUNG-K6X8008T2B Datasheet
129Kb / 9P
   CMOS SRAM
K6R4008V1B SAMSUNG-K6R4008V1B Datasheet
214Kb / 10P
   CMOS SRAM
logo
Hynix Semiconductor
HY62256A HYNIX-HY62256A Datasheet
820Kb / 9P
   32Kx8bit CMOS SRAM
HY62CT08081E HYNIX-HY62CT08081E Datasheet
186Kb / 12P
   32Kx8bit CMOS SRAM
logo
List of Unclassifed Man...
STK11C68-M ETC-STK11C68-M Datasheet
59Kb / 10P
   CMOS NV SRAM
logo
Hynix Semiconductor
HY628100A HYNIX-HY628100A Datasheet
128Kb / 9P
   128Kx8bit CMOS SRAM
HY62KT08081E HYNIX-HY62KT08081E Datasheet
192Kb / 12P
   32Kx8bit CMOS SRAM
HY62U8400A HYNIX-HY62U8400A Datasheet
180Kb / 11P
   512Kx8bit CMOS SRAM
HY62SF16406D HYNIX-HY62SF16406D Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com