Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74320-4807 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 74320-4807
Description  MicroCross??DVI-D Digital Visual Interface, PCB Receptacle, Polyester (PCT), PanelMount, Through Hole, Right Angle, Gold (Au) Flash, 3.12mm (.123") PC Tail Length
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74320-4807 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  74320-4807 Datasheet HTML 1Page - Molex Electronics Ltd. 74320-4807 Datasheet HTML 2Page - Molex Electronics Ltd. 74320-4807 Datasheet HTML 3Page - Molex Electronics Ltd. 74320-4807 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/10/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0743204807
Status:
Active
Description:
MicroCross™ DVI-D Digital Visual Interface, PCB Receptacle, Polyester (PCT), Panel
Mount, Through Hole, Right Angle, Gold (Au) Flash, 3.12mm (.123") PC Tail Length,
Lead Free, Screw Hole, 4-40 Thread, 24 Circuits
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E29179
General
Product Family
I/O Connectors
Series
74320
Application
Wire-to-Board
Comments
DDWG (Digital Display Working Group) Standard
Component Type
Receptacle
Product Name
MicroCross™DVI
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
24
Circuits (maximum)
24
Color - Resin
Natural
Durability (mating cycles max)
100
Flammability
94V-0
Gender
Receptacle
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Number of Rows
3
Orientation
Right Angle
PC Tail Length (in)
0.123 In
PC Tail Length (mm)
3.12 mm
PCB Locator
Yes
PCB Retention
Yes
Packaging Type
Tray
Panel Mount
Yes
Pitch - Mating Interface (in)
0.075 In
Pitch - Mating Interface (mm)
1.91 mm
Pitch - Term. Interface (in)
0.075 In
Pitch - Term. Interface (mm)
1.91 mm
Plating min: Mating (µin)
2
Plating min: Mating (µm)
0.05
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.50
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-20°C to +85°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
74320Series
Mates With
88744 , 74323
Use With
71781 Panel Mount Hex Screw Kit


Similar Part No. - 74320-4807

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74320-4804 MOLEX8-74320-4804 Datasheet
228Kb / 4P
   MicroCross??DVI-D Digital Visual Interface, PCB Receptacle, Polyester (PCT), Panel Mount, Through Hole, Right Angle, Gold (Au) Flash, 2.34mm (.092) PC Tail Length
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com