Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74320-7000 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 74320-7000
Description  MicroCross??DVI-D Digital Visual Interface, PCB Receptacle, Through Hole, Vertical,Gold (Au) Flash, 2.79mm(.110") PC Tail Length, 4-40 Thread, 24 Circuits, with Pegs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74320-7000 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  74320-7000 Datasheet HTML 1Page - Molex Electronics Ltd. 74320-7000 Datasheet HTML 2Page - Molex Electronics Ltd. 74320-7000 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
3A
Grounding to Panel
Yes
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
40V AC (RMS)
Material Info
Reference - Drawing Numbers
Product Specification
PS-74320-001
Sales Drawing
SD-74320-011
This document was generated on 04/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 74320-7000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74320-7001 MOLEX8-74320-7001 Datasheet
161Kb / 3P
   MicroCross??DVI-D Digital Visual Interface, PCB Receptacle for Adapter, ThroughHole, Vertical, 0.76關m (30關") Gold (Au) Plating, 2.79mm(.110") PC Tail Length, 4-40
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com