Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74320-4001 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 74320-4001
Description  MicroCross??DVI-D Digital Visual Interface, PCB Receptacle, Panel Mount, Polyester(PCT), Through Hole, 1.27mm(.050") PC Tail Length, Right Angle, 0.76關m (30關) Gold
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74320-4001 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  74320-4001 Datasheet HTML 1Page - Molex Electronics Ltd. 74320-4001 Datasheet HTML 2Page - Molex Electronics Ltd. 74320-4001 Datasheet HTML 3Page - Molex Electronics Ltd. 74320-4001 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - 74320-4001

ManufacturerPart #DatasheetDescription
logo
MolexKits
74320-4000 MOLEXKITS-74320-4000 Datasheet
80Kb / 6P
   Includes HDMI, HDMI to DVI-D, MicroCross DVI-D and DVI-I, DisplayPort, IEEE1394-1395, USB Type A and B, USB OTG (On-the-Go) mini-B, Micro USB-B
logo
Molex Electronics Ltd.
74320-4000 MOLEX8-74320-4000 Datasheet
207Kb / 4P
   MicroCross??DVI-D Digital Visual Interface, PCB Receptacle, Panel Mount, Polyester(PCT), Through Hole, 2.34mm(.092") PC Tail Length, Right Angle, 0.76關m (30關) Gold
logo
MolexKits
74320-4000 MOLEXKITS-74320-4000 Datasheet
80Kb / 6P
   Deluxe Audio Video Data Application Kit
logo
Molex Electronics Ltd.
74320-4003 MOLEX8-74320-4003 Datasheet
207Kb / 4P
   MicroCross??DVI-D Digital Visual Interface, PCB Receptacle, Panel Mount, PolyesterPCT), Through Hole, 3.12mm(.123") PC Tail Length, Right Angle, 0.76關m (30關) Gold
74320-4004 MOLEX8-74320-4004 Datasheet
207Kb / 4P
   MicroCross??DVI-D Digital Visual Interface, PCB Receptacle, Polyester (PCT), PanelMount, Through Hole, Right Angle, Gold (Au) Flash, 2.34mm (.0921") PC Tail Length,
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com