Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74320-9124 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 74320-9124
Description  MicroCross??DVI-D Digital Interface with EMI Shielding, PCB Receptacle, PanelMount, Through Hole, Right Angle, 0.76關m (30關") Gold (Au) Plating,2.34mm (.092")
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74320-9124 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  74320-9124 Datasheet HTML 1Page - Molex Electronics Ltd. 74320-9124 Datasheet HTML 2Page - Molex Electronics Ltd. 74320-9124 Datasheet HTML 3Page - Molex Electronics Ltd. 74320-9124 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Current - Maximum per Contact
3A
Grounding to Panel
Yes
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
40V AC (RMS)
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-74320-051
This document was generated on 05/10/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 74320-9124

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74320-9133 MOLEX8-74320-9133 Datasheet
217Kb / 4P
   MicroCross??DVI-I Digital/ Analog Interface, PCB Receptacle, Panel Mount, ThroughHole, Right Angle, with Beveled Metal Pins, Jack Screws, and Back Shield, 0.76關m
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com