Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6B1713A01-XXXN Datasheet(PDF) 5 Page - Samsung semiconductor

Part # S6B1713A01-XXXN
Description  65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S6B1713A01-XXXN Datasheet(HTML) 5 Page - Samsung semiconductor

  S6B1713A01-XXXN Datasheet HTML 1Page - Samsung semiconductor S6B1713A01-XXXN Datasheet HTML 2Page - Samsung semiconductor S6B1713A01-XXXN Datasheet HTML 3Page - Samsung semiconductor S6B1713A01-XXXN Datasheet HTML 4Page - Samsung semiconductor S6B1713A01-XXXN Datasheet HTML 5Page - Samsung semiconductor S6B1713A01-XXXN Datasheet HTML 6Page - Samsung semiconductor S6B1713A01-XXXN Datasheet HTML 7Page - Samsung semiconductor S6B1713A01-XXXN Datasheet HTML 8Page - Samsung semiconductor S6B1713A01-XXXN Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
S6B1713
65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
1
INTRODUCTION
The S6B1713 is a driver & controller LSI for graphic dot-matrix liquid crystal display systems. It contains 65
commons and 132 segments driver circuits. This chip is connected directly to a microprocessor, accepts serial or
8-bit parallel display data and stores in an on-chip Display Data RAM of 65 x 132 bits. It provides a high-flexible
display section due to 1-to-1 correspondence between on-chip display data RAM bits and LCD panel pixels. And it
performs display data RAM read/write operation with no externally operating clock to minimize power consumption.
In addition, because it contains power supply circuits necessary to drive liquid crystal, it is possible to make a display
system with the fewest components.
FEATURES
Driver Output Circuits
− 65 common outputs / 132 segment outputs
On-chip Display Data RAM
− Capacity: 65 x 132 = 8,580 bits
Applicable Duty Ratios
Duty ratio
Applicable LCD bias
Maximum display area
1/65
1/7 or 1/9
65
× 132
1/49
1/6 or 1/8
49
× 132
1/33
1/5 or 1/6
33
× 132
Microprocessor Interface
− 8-bit parallel bi-directional interface with 6800-series or 8080-series
− Serial interface (only write operation) available
Function Set
− Various instructions sets
− H/W, S/W reset capable
Built-in Analog Circuit
− On-chip oscillator circuit
− Voltage converter (x2, x3, x4, x5)
− Voltage regulator (temperature coefficient: -0.05%/°C, -0.2%/°C)
− Voltage follower
− Electronic contrast control function (64 steps)
Operating Voltage Range
− Supply voltage2 (VDD): 2.4 to 5.5 V
− LCD driving voltage (VLCD = V0 - VSS): 4.0 to 15.0 V
Low Power Consumption
− 70 µΑ Typ. (VDD = 3V, x4 boosting, V0 = 11V, internal power supply ON)
− 10 µΑ Max. (during power save [standby] mode)
Package Type
− Gold bumped chip or TCP


Similar Part No. - S6B1713A01-XXXN

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6B1741 SAMSUNG-S6B1741 Datasheet
472Kb / 78P
   128 SEG / 129 COM DRIVER & CONTROLLER FOR 4 GRAY SCALE STN LCD
More results

Similar Description - S6B1713A01-XXXN

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6B0724 SAMSUNG-S6B0724 Datasheet
898Kb / 66P
   132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
KS0040 SAMSUNG-KS0040 Datasheet
860Kb / 73P
   65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0723 SAMSUNG-S6B0723 Datasheet
946Kb / 71P
   132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
S6B0721 SAMSUNG-S6B0721 Datasheet
901Kb / 67P
   132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
KS0713 SAMSUNG-KS0713 Datasheet
849Kb / 67P
   65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
KS0724 SAMSUNG-KS0724 Datasheet
899Kb / 66P
   65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
logo
ELAN Microelectronics C...
EM62100 EMC-EM62100 Datasheet
841Kb / 60P
   65 COM / 132 SEG STN LCD Driver
EM65565A EMC-EM65565A Datasheet
556Kb / 48P
   65 COM/ 132 SEG STN LCD Driver
logo
Samsung semiconductor
S6B0728 SAMSUNG-S6B0728 Datasheet
530Kb / 60P
   132 SEG / 128 COM DRIVER & CONTROLLER FOR STN LCD
logo
ELAN Microelectronics C...
EPL65132 EMC-EPL65132 Datasheet
578Kb / 64P
   65 COM / 132 SEG LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com