Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6B0717X01-B0CY Datasheet(PDF) 8 Page - Samsung semiconductor

Part # S6B0717X01-B0CY
Description  55 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S6B0717X01-B0CY Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button S6B0717X01-B0CY Datasheet HTML 4Page - Samsung semiconductor S6B0717X01-B0CY Datasheet HTML 5Page - Samsung semiconductor S6B0717X01-B0CY Datasheet HTML 6Page - Samsung semiconductor S6B0717X01-B0CY Datasheet HTML 7Page - Samsung semiconductor S6B0717X01-B0CY Datasheet HTML 8Page - Samsung semiconductor S6B0717X01-B0CY Datasheet HTML 9Page - Samsung semiconductor S6B0717X01-B0CY Datasheet HTML 10Page - Samsung semiconductor S6B0717X01-B0CY Datasheet HTML 11Page - Samsung semiconductor S6B0717X01-B0CY Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
55 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0717
4
PAD CONFIGURATION
ððð ððððððððððððððððððð - - - - - - - - - - ððððððððððððððððððð ððð
Y
117
228
116
229
87
258
86
1
S6B0717
(TOP VIEW)
(0,0)
X
ðððððððððððððððððððððð - - - - - - - - - -ððððððððððððððððððððððð
Figure 2. S6B0717 Chip Configuration
Table 1. S6B0717 Pad Dimensions
Size
Item
Pad No.
X
Y
Unit
Chip size
-
9000
2350
1 to 86
90
Pad pitch
87 to 258
70
1 to 86
56
114
87 to 116
108
50
117 to 228
50
108
Bumped pad size
229 to 258
108
50
Bumped pad height
1 to 258
17 (Typ.)
µm
COG Align Key Coordinate
ILB Align Key Coordinate
30
µm 30µm 30µm
(-3855, -500)
30
µm 30µm 30µm
(+3815, -548)
42
µm
108
µm
(-4170, +1065)
(+4170, +1065)
42
µm
108
µm


Similar Part No. - S6B0717X01-B0CY

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6B0715 SAMSUNG-S6B0715 Datasheet
882Kb / 61P
   33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0715A01-B0CY SAMSUNG-S6B0715A01-B0CY Datasheet
882Kb / 61P
   33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0715A01-B0CZ SAMSUNG-S6B0715A01-B0CZ Datasheet
882Kb / 61P
   33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0715A01-XXX0 SAMSUNG-S6B0715A01-XXX0 Datasheet
882Kb / 61P
   33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0715A11-B0CY SAMSUNG-S6B0715A11-B0CY Datasheet
882Kb / 61P
   33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
More results

Similar Description - S6B0717X01-B0CY

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0717 SAMSUNG-KS0717 Datasheet
869Kb / 64P
   55 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
KS0715 SAMSUNG-KS0715 Datasheet
837Kb / 60P
   33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0715 SAMSUNG-S6B0715 Datasheet
882Kb / 61P
   33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0716 SAMSUNG-S6B0716 Datasheet
816Kb / 57P
   33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0719 SAMSUNG-S6B0719 Datasheet
575Kb / 64P
   160 SEG / 105 COM SEG DRIVER & CONTROLLER FOR STN LCD
S6B0718 SAMSUNG-S6B0718 Datasheet
703Kb / 64P
   104 SEG / 81 COM DRIVER & CONTROLLER FOR STN LCD
S6A0094 SAMSUNG-S6A0094 Datasheet
734Kb / 62P
   80 SEG / 34 COM DRIVER & CONTROLLER FOR STN LCD
S6B0728 SAMSUNG-S6B0728 Datasheet
530Kb / 60P
   132 SEG / 128 COM DRIVER & CONTROLLER FOR STN LCD
S6B0755 SAMSUNG-S6B0755 Datasheet
585Kb / 68P
   128 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
KS0718 SAMSUNG-KS0718 Datasheet
724Kb / 66P
   81 COM / 104 SEG DRIVER & CONTROLLER FOR STN LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com