Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74320-1033 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 74320-1033
Description  MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Through Hole, Right Angle, with Shielding, without Screw, 0.76關m (30關) Gold (Au) Plating
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74320-1033 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  74320-1033 Datasheet HTML 1Page - Molex Electronics Ltd. 74320-1033 Datasheet HTML 2Page - Molex Electronics Ltd. 74320-1033 Datasheet HTML 3Page - Molex Electronics Ltd. 74320-1033 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical
Current - Maximum per Contact
3A
Grounding to Panel
Yes
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
40V AC (RMS)
Solder Process Data
Duration at Max. Process Temperature (seconds)
10
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-74320-044
Product Specification
PS-74320-001
Sales Drawing
SD-74320-133
This document was generated on 05/10/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 74320-1033

ManufacturerPart #DatasheetDescription
logo
MolexKits
74320-1000 MOLEXKITS-74320-1000 Datasheet
80Kb / 6P
   Includes HDMI, HDMI to DVI-D, MicroCross DVI-D and DVI-I, DisplayPort, IEEE1394-1395, USB Type A and B, USB OTG (On-the-Go) mini-B, Micro USB-B
logo
Molex Electronics Ltd.
74320-1000 MOLEX8-74320-1000 Datasheet
250Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Through HoleRight Angle, 2.34mm (.092") P.C. Tail Length, 29 Circuits, Lead Free
logo
MolexKits
74320-1000 MOLEXKITS-74320-1000 Datasheet
80Kb / 6P
   Deluxe Audio Video Data Application Kit
logo
Molex Electronics Ltd.
74320-1003 MOLEX8-74320-1003 Datasheet
249Kb / 4P
   MicroCross DVI-I Digital/Analog Visual Interface, PCB Receptacle, Through Hole, Right Angle, 3.12mm
74320-1004 MOLEX8-74320-1004 Datasheet
249Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel Mount,Through Hole, Right Angle, Gold (Au) Flash Plating, Screw Hole, 4-40 Thread, 2.34mm
More results

Similar Description - 74320-1033

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0743209033 MOLEX8-0743209033 Datasheet
185Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, PanelMountThrough Hole, Right Angle, 0.76關m (30關") Gold (Au) Plating, 2.34mm (.092") P.C. Tail
0743209124 MOLEX8-0743209124 Datasheet
199Kb / 4P
   MicroCross??DVI-D Digital Interface with EMI Shielding, PCB Receptacle, PanelMount, Through Hole, Right Angle, 0.76關m (30關") Gold (Au) Plating,2.34mm (.092")
0743209010 MOLEX8-0743209010 Datasheet
259Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel MountThrough Hole, Right Angle, with Beveled Metal Pins, 0.76關m (30關") Gold (Au), Lead
0673514000 MOLEX7-0673514000 Datasheet
315Kb / 5P
   MicroCross??DVI-D Digital Visual Interface, PCB Receptacle, Glass-filledPolyester(PBT), Through Hole, Right Angle, 0.76關m (30關") Gold (Au) Plating, 24 Circuits, LeadFree
0743201304 MOLEX8-0743201304 Datasheet
212Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Through Hole,Right Angle, with Shielding, with Beveled Metal Pins, Gold(Au) Flash Plating, 2.34mm
0743201003 MOLEX8-0743201003 Datasheet
249Kb / 4P
   MicroCross DVI-I Digital/Analog Visual Interface, PCB Receptacle, Through Hole, Right Angle, 3.12mm
0743201008 MOLEX8-0743201008 Datasheet
238Kb / 4P
   MicroCross??DVI-A Analog Visual Interface, PCB Receptacle, Panel Mount, ThroughHole, Right Angle, 0.76關m (30關") Gold (Au), 2.34mm (.092") P.C. Tail Length, Screw
0743209064 MOLEX8-0743209064 Datasheet
269Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Through Hole,Right Angle, 2.34mm (.092
0743201007 MOLEX8-0743201007 Datasheet
249Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Through HoleRight Angle, Gold (Au) Flash Plating, 3.12mm (.123
0743204003 MOLEX8-0743204003 Datasheet
207Kb / 4P
   MicroCross??DVI-D Digital Visual Interface, PCB Receptacle, Panel Mount, PolyesterPCT), Through Hole, 3.12mm(.123") PC Tail Length, Right Angle, 0.76關m (30關) Gold
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com