Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6A0093 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # S6A0093
Description  80 SEG / 26 COM DRIVER & CONTROLLER FOR STN LCD
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S6A0093 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button S6A0093 Datasheet HTML 3Page - Samsung semiconductor S6A0093 Datasheet HTML 4Page - Samsung semiconductor S6A0093 Datasheet HTML 5Page - Samsung semiconductor S6A0093 Datasheet HTML 6Page - Samsung semiconductor S6A0093 Datasheet HTML 7Page - Samsung semiconductor S6A0093 Datasheet HTML 8Page - Samsung semiconductor S6A0093 Datasheet HTML 9Page - Samsung semiconductor S6A0093 Datasheet HTML 10Page - Samsung semiconductor S6A0093 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
S6A0093
80 SEG / 26 COM DRIVER & CONTROLLER FOR STN LCD
4
PAD CONFIGURATION
............................
...........................
X
Y
(0,0)
DUMMY PAD
PAD
74
86
167
179
Figure 2. Pad Configuration
Table 1. S6A0093 Pad Dimensions
Size
Item
Pad No.
X
Y
Unit
Chip size
-
7020
1620
1 ~ 73
90
Pad pitch
74 ~ 179
80
1 ~ 73
60
100
74 ~ 86
100
50
87 ~ 166
50
100
Bumped pad size
167 ~ 179
100
50
Bumped pad height
All pad
17
µm
COG Align Key Coordinate
ILB Align Key Coordinate
30
µm 30µm 30µm
(-3065, -445)
30
µm 30µm 30µm
(-2965, -405)
42
µm
108
µm
(-3440, +740)
(+3440, +740)
42
µm
108
µm


Similar Part No. - S6A0093

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6A0090 SAMSUNG-S6A0090 Datasheet
549Kb / 54P
   64 SEG / 26 COM DRIVER & CONTROLLER FOR STN LCD
S6A0092 SAMSUNG-S6A0092 Datasheet
466Kb / 54P
   80 SEG / 26 COM DRIVER & CONTROLLER FOR STN LCD
S6A0094 SAMSUNG-S6A0094 Datasheet
734Kb / 62P
   80 SEG / 34 COM DRIVER & CONTROLLER FOR STN LCD
More results

Similar Description - S6A0093

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6A0092 SAMSUNG-S6A0092 Datasheet
466Kb / 54P
   80 SEG / 26 COM DRIVER & CONTROLLER FOR STN LCD
KS0093 SAMSUNG-KS0093 Datasheet
590Kb / 55P
   26 COM / 80 SEG DRIVER & CONTROLLER FOR STN LCD
S6A0094 SAMSUNG-S6A0094 Datasheet
734Kb / 62P
   80 SEG / 34 COM DRIVER & CONTROLLER FOR STN LCD
S6A0032 SAMSUNG-S6A0032 Datasheet
361Kb / 39P
   16 COM / 80 SEG DRIVER & CONTROLLER FOR STN LCD
S6A0031 SAMSUNG-S6A0031 Datasheet
339Kb / 37P
   8 COM / 80 SEG DRIVER & CONTROLLER FOR STN LCD
S6A0090 SAMSUNG-S6A0090 Datasheet
549Kb / 54P
   64 SEG / 26 COM DRIVER & CONTROLLER FOR STN LCD
KS0094 SAMSUNG-KS0094 Datasheet
920Kb / 62P
   34 COM / 80 SEG DRIVER & CONTROLLER FOR STN LCD
logo
Sitronix Technology Co....
ST7093 SITRONIX-ST7093 Datasheet
540Kb / 43P
   26 COM / 80 SEG LCD CONTROLLER/DRIVER
logo
Generalplus Technology ...
GPLD1080A GENERALPLUS-GPLD1080A Datasheet
545Kb / 20P
   80 CHANNEL SEG/COM STN LCD DRIVER
logo
Samsung semiconductor
S6B0719 SAMSUNG-S6B0719 Datasheet
575Kb / 64P
   160 SEG / 105 COM SEG DRIVER & CONTROLLER FOR STN LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com