Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S6A0078 Datasheet(PDF) 2 Page - Samsung semiconductor

Part No. S6A0078
Description  120 SEG / 34 COM DRIVER & CONTROLLER FOR DOT MATRIX LCD
Download  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S6A0078 Datasheet(HTML) 2 Page - Samsung semiconductor

  S6A0078 Datasheet HTML 1Page - Samsung semiconductor S6A0078 Datasheet HTML 2Page - Samsung semiconductor S6A0078 Datasheet HTML 3Page - Samsung semiconductor S6A0078 Datasheet HTML 4Page - Samsung semiconductor S6A0078 Datasheet HTML 5Page - Samsung semiconductor S6A0078 Datasheet HTML 6Page - Samsung semiconductor S6A0078 Datasheet HTML 7Page - Samsung semiconductor S6A0078 Datasheet HTML 8Page - Samsung semiconductor S6A0078 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
S6A0078
120 SEG / 34 COM DRIVER & CONTROLLER FOR DOT MATRIX LCD
2
INTRODUCTION
S6A0078 is a dot matrix LCD driver & controller IC which is fabricated by low power CMOS technology. It can
display 1, 2, or 4 lines with 5 x 8 or 6 x 8 dots format.
FUNCTIONS
Character type dot matrix LCD driver & controller
Internal driver: 34 common and 120 segment signal output
Easy interface with 4-bit or 8-bit MPU
Clock synchronized serial interface
5 x 8 dots matrix possible
6 x 8 dots matrix possible
Bi-directional shift function
All character reverse display
Display shift per line
Voltage converter for LCD drive voltage: 13V max (2 times/3 times)
Various instruction functions
Automatic power on reset
FEATURES
• Internal Memory
- Character Generator ROM (CGROM): 9,600 bits (240 characters x 5 x 8 dot)
- Character Generator RAM (CGRAM): 64 x 8 bits (8 characters x 5 x 8 dot)
- Segment Icon RAM (SEGRAM): 16 x 8 bits (96 icons max.)
- Display Data RAM (DDRAM): 96 x 8 bits (96 characters max.)
Low power operation
Power supply voltage range: 2.7 - 5.5V (V
DD)
LCD drive voltage range: 3.0 - 13.0V (V
DD - V5)
CMOS process
Programmable duty cycle: 1/17, 1/33
Internal oscillator with an external resistor
Bare chip available


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn