Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6A0078 Datasheet(PDF) 51 Page - Samsung semiconductor

Part # S6A0078
Description  120 SEG / 34 COM DRIVER & CONTROLLER FOR DOT MATRIX LCD
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S6A0078 Datasheet(HTML) 51 Page - Samsung semiconductor

Back Button S6A0078 Datasheet HTML 47Page - Samsung semiconductor S6A0078 Datasheet HTML 48Page - Samsung semiconductor S6A0078 Datasheet HTML 49Page - Samsung semiconductor S6A0078 Datasheet HTML 50Page - Samsung semiconductor S6A0078 Datasheet HTML 51Page - Samsung semiconductor S6A0078 Datasheet HTML 52Page - Samsung semiconductor S6A0078 Datasheet HTML 53Page - Samsung semiconductor S6A0078 Datasheet HTML 54Page - Samsung semiconductor S6A0078 Datasheet HTML 55Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 70 page
background image
120 SEG / 34 COM DRIVER & CONTROLLER FOR DOT MATRIX LCD
S6A0078
51
INITIALIZING BY INSTRUCTION
8-BIT INTERFACE MODE
Power On
Wait for more than 20ms after
VDD rises to 4.5V
Wait for more than 30ms after
VDD rises to 2.7V
RS
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Function Set
0
0
0
0
1
DL(1)
N
0
x
x
Wait for more than 39
µs
RS
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Display ON/OFF Control
0
0
0
0
0
0
1
D
C
B
Wait for more than 39
µs
RS
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Clear Display
0
0
0
0
0
0
0
0
0
1
Wait for more than 1.53sms
RS
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Entry Mode Set
0
0
0
0
0
0
0
1
I/D
S
Initialization End
DL
0
1
4-bit interface
8-bit interface
N
0
1
1-line mode
2-line mode
D
0
1
Display off
Display on
C
0
1
Cursor off
Cursor on
B
0
1
Blink off
Blink on
I/D
0
1
Decrement mode
Increment mode
S
0
1
Entire shift off
Entire shift on
Condition: fosc = 270kHz
(DL = "1")


Similar Part No. - S6A0078

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6A0070 SAMSUNG-S6A0070 Datasheet
116Kb / 12P
   40 CH SEGMENT/COMMON DRIVER FOR DOT MATRIX LCD
S6A0070 SAMSUNG-S6A0070 Datasheet
399Kb / 41P
   80 SEG / 16 COM DRIVER & CONTROLLER FOR DOT MATRIX LCD
S6A0071 SAMSUNG-S6A0071 Datasheet
330Kb / 29P
   32COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
S6A0072 SAMSUNG-S6A0072 Datasheet
268Kb / 32P
   16COM/40SEG DOT MATRIX LCD CONTROLLER & DRIVER
S6A0073 SAMSUNG-S6A0073 Datasheet
116Kb / 12P
   40 CH SEGMENT/COMMON DRIVER FOR DOT MATRIX LCD
More results

Similar Description - S6A0078

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6A0075 SAMSUNG-S6A0075 Datasheet
691Kb / 70P
   100 SEG / 34 COM DRIVER & CONTROLLER FOR DOT MATRIX LCD
S6A0069 SAMSUNG-S6A0069 Datasheet
368Kb / 35P
   40 SEG / 16 COM DRIVER & CONTROLLER FOR DOT MATRIX LCD
logo
Neotec Semiconductor Lt...
NT7066U NEOTEC-NT7066U Datasheet
426Kb / 32P
   16 COM / 40 SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
V1.2_20130219
logo
Samsung semiconductor
S6A0070 SAMSUNG-S6A0070 Datasheet
399Kb / 41P
   80 SEG / 16 COM DRIVER & CONTROLLER FOR DOT MATRIX LCD
logo
Neotec Semiconductor Lt...
NT7066B NEOTEC-NT7066B Datasheet
581Kb / 33P
   16 COM / 40 SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
V1.0_20130710
logo
Samsung semiconductor
S6A0094 SAMSUNG-S6A0094 Datasheet
734Kb / 62P
   80 SEG / 34 COM DRIVER & CONTROLLER FOR STN LCD
KS0094 SAMSUNG-KS0094 Datasheet
920Kb / 62P
   34 COM / 80 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0719 SAMSUNG-S6B0719 Datasheet
575Kb / 64P
   160 SEG / 105 COM SEG DRIVER & CONTROLLER FOR STN LCD
logo
Generalplus Technology ...
GPLD1120D GENERALPLUS-GPLD1120D Datasheet
980Kb / 32P
   120-channel SEG/COM STN LCD Driver
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
   DOT MATRIX LCD CONTROLLER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com