Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0511140610 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 0511140610
Description  3.50mm (.138") Pitch Wire-to-Wire Plug Housing, Positive Lock, With Optional PanelMount, 6 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX7 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0511140610 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0511140610 Datasheet HTML 1Page - Molex Electronics Ltd. 0511140610 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0511140610
Status:
Active
Description:
3.50mm (.138") Pitch Wire-to-Wire Plug Housing, Positive Lock, With Optional Panel
Mount, 6 Circuits
Documents:
3D Model
Product Specification PS-51067-008 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
TUV
R72081037
UL
E29179
General
Product Family
Crimp Housings
Series
51114
Product Name
N/A
Physical
Circuits (maximum)
6
Color - Resin
Natural
Flammability
94V-0
Gender
Male
Glow-Wire Compliant
No
Material - Resin
Polyester
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.138 In
Pitch - Mating Interface (mm)
3.50 mm
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Material Info
Reference - Drawing Numbers
Product Specification
PS-51067-008
Sales Drawing
SD-51114-**10
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
51114Series
Mates With
51067
Use With
50419
This document was generated on 03/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn