Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

52559-0952 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 52559-0952
Description  0.50mm (.020") Pitch FFC/FPC Connector, Vertical, SMT, ZIF, 9 Circuits, Lead-free,Gold (Au) Contact Plating, High Barrier Packaging
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

52559-0952 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  52559-0952 Datasheet HTML 1Page - Molex Electronics Ltd. 52559-0952 Datasheet HTML 2Page - Molex Electronics Ltd. 52559-0952 Datasheet HTML 3Page - Molex Electronics Ltd. 52559-0952 Datasheet HTML 4Page - Molex Electronics Ltd. 52559-0952 Datasheet HTML 5Page - Molex Electronics Ltd. 52559-0952 Datasheet HTML 6Page - Molex Electronics Ltd. 52559-0952 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This document was generated on 06/05/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0525590952
Status:
Active
Overview:
Description:
0.50mm (.020") Pitch FFC/FPC Connector, Vertical, SMT, ZIF, 9 Circuits, Lead-free,
Gold (Au) Contact Plating, High Barrier Packaging
Agency Certification
UL
E29179
General
Product Family
FFC/FPC Connectors
Series
52559
Overview
ffc_fpc_smt
Product Name
N/A
Physical
Circuits (Loaded)
9
Contact Position
N/A
Durability (mating cycles max)
20
Entry Angle
Vertical
Flammability
94V-0
Mated Height (in)
0.154 In
Mated Height (mm)
3.90 mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
1
Orientation
Vertical
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.020 In
Pitch - Mating Interface (mm)
0.50 mm
Polarized to PCB
No
Stackable
No
Temperature Range - Operating
-20°C to +85°C
Termination Interface: Style
Surface Mount
Wire/Cable Type
FFC/FPC
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
50V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Application Specification
AS-52559-001
Packaging Specification
SPK-52559-001, SPK-52559-003
Product Specification
PS-52559-013, RPS-52559-062, RPS-52559-064,
RPS-52559-068, RPS-52559-070, RPS-52559-072
Sales Drawing
SD-52559-048, SD-52559-049
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
52559Series
This document was generated on 06/05/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 52559-0952

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
52559-0972 MOLEX5-52559-0972 Datasheet
452Kb / 6P
   0.5 FPC CONN ASSY ZIF SMT ST EMBSTP PKG
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com