Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5T5855A Datasheet(PDF) 3 Page - Samsung semiconductor

Part # S5T5855A
Description  UNIVERSAL 15 MEMORY DIALER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5T5855A Datasheet(HTML) 3 Page - Samsung semiconductor

  S5T5855A Datasheet HTML 1Page - Samsung semiconductor S5T5855A Datasheet HTML 2Page - Samsung semiconductor S5T5855A Datasheet HTML 3Page - Samsung semiconductor S5T5855A Datasheet HTML 4Page - Samsung semiconductor S5T5855A Datasheet HTML 5Page - Samsung semiconductor S5T5855A Datasheet HTML 6Page - Samsung semiconductor S5T5855A Datasheet HTML 7Page - Samsung semiconductor S5T5855A Datasheet HTML 8Page - Samsung semiconductor S5T5855A Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
UNIVERSAL 15 MEMORY DIALER
S5T5855A
3
PIN CONFIGURATION
ARRANGEMENT OF KEY BOARD
SELECTION FUNCTION
PIN
CONNECTION
FUNCTION
VDD
PULSE MODE/20 PPS
MDS/DRS
OPEN
PULSE MODE/10 PPS
VSS
TONE MODE
MAKE/BREAK
VDD
1 : 2 (M : B)
VSS
2 : 3 (M : B)
1
2
3
4
5
6
7
8
9
12
13
14
15
16
17
18
19
20
S5T5855A
R5
R1
R2
R3
R4
HS
M/B
MDS/DRS
OSCI
C3
C2
C1
DP
V+
VSS
VDD
HDO
10
11
OSCO
C5
21
22
HFO
C4
X’ MUTE
1
2
3
ST
EM1
4
5
6
R/L
EM2
7
8
9
RD/P
EM3
T/
0
#
F3
EM4
HFI
HDI
F1
F2
NU
RD/P
: Redial/Pause
ST
: Store
R/L
: Recall/Location
F1
: Flash Time (100ms)
F2
: Flash Time (303ms)
F3
: Flash Time (604md)
HFI
: Hands-Free Dialing Key Input
HDI
: Hold Key Input
T/•
: Pulse
→ Tone Mode
#
: RD/P Function in Pulse Mode Data in Tone Mode
EMI
: Direct Memory Location I = 1, 2, 3, 4.
Nu
: Not Used Key


Similar Part No. - S5T5855A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
S5T DIOTEC-S5T Datasheet
144Kb / 2P
   Standard Recovery SMD Rectifier Diodes
S5T DIOTEC-S5T Datasheet
151Kb / 2P
   Standard Recovery SMD Rectifier Diodes
logo
Samsung semiconductor
S5T0167 SAMSUNG-S5T0167 Datasheet
55Kb / 6P
   DTMF DIALER FOR BINARY DATA-IN
S5T0167X01 SAMSUNG-S5T0167X01 Datasheet
55Kb / 6P
   DTMF DIALER FOR BINARY DATA-IN
S5T0167X01-D0B0 SAMSUNG-S5T0167X01-D0B0 Datasheet
55Kb / 6P
   DTMF DIALER FOR BINARY DATA-IN
More results

Similar Description - S5T5855A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS58555B SAMSUNG-KS58555B Datasheet
148Kb / 11P
   UNIVERSAL 15 MEMORY DIALER
KS58550 SAMSUNG-KS58550 Datasheet
99Kb / 13P
   UNIVERSAL 10 MEMORY DIALER
logo
Holtek Semiconductor In...
HT9214 HOLTEK-HT9214 Datasheet
1,008Kb / 25P
   15-Memory Tone/Pulse Dialer
logo
UMC Corporation
UM91265 UMC-UM91265 Datasheet
716Kb / 12P
   15 Memory Tone/Pulse Dialer
logo
Holtek Semiconductor In...
HT9315 HOLTEK-HT9315 Datasheet
309Kb / 27P
   15-Memory Tone/Pulse Dialer
logo
List of Unclassifed Man...
HM9114 ETC1-HM9114 Datasheet
118Kb / 1P
   TONE/PULSE SWITCHABLE & 15 MEMORY DIALER
logo
Sanyo Semicon Device
LC73720 SANYO-LC73720 Datasheet
284Kb / 12P
   Dialer with Memory?
logo
UMC Corporation
UM91611 UMC-UM91611 Datasheet
276Kb / 5P
   10 Memory Pulse Dialer
logo
Winbond
W9145 WINBOND-W9145 Datasheet
209Kb / 18P
   15-MEMORY TONE/PULSE DIALER WITH LOCK AND HANDFREE FUNCTION
logo
Holtek Semiconductor In...
HT9302 HOLTEK-HT9302 Datasheet
284Kb / 27P
   1-Memory/2-Memory Tone/Pulse Dialer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com