Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5N8952 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # S5N8952
Description  ADSL Transceiver for NIC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5N8952 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button S5N8952 Datasheet HTML 4Page - Samsung semiconductor S5N8952 Datasheet HTML 5Page - Samsung semiconductor S5N8952 Datasheet HTML 6Page - Samsung semiconductor S5N8952 Datasheet HTML 7Page - Samsung semiconductor S5N8952 Datasheet HTML 8Page - Samsung semiconductor S5N8952 Datasheet HTML 9Page - Samsung semiconductor S5N8952 Datasheet HTML 10Page - Samsung semiconductor S5N8952 Datasheet HTML 11Page - Samsung semiconductor S5N8952 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
S5N8952X
ADSL Transceiver for NIC
Preliminary Information (Rev.2.0)
5. Pin Description
Table 1: Pin Description of the S5N8952X
No
Name
I/O
Description
178
RESET_N
I
System master reset (Active low)
168
XTAL_IN
I
169
XTAL_OUT
O
System master clock (17.664MHz)
156
EXT_CLK
I
External clock for test
(Float in normal mode)
172
PLL_FILT
O
PLL pump out
(A 320pF capacitor between the pin and GNDA)
152
TEST_MODE_3
150
TEST_MODE_2
146
TEST_MODE_1
144
TEST_MODE_0
I
Chip test mode
[0] Normal mode, [1-15] Test mode
139
TEST_SCN_EN
I
Scan enable (Set to ‘0’ in normal mode)
93
TEST_IN
I
Test input (Float in normal mode)
92
TEST_OUT
O
Test output (Float in normal mode)
182
TX_SHOW
O
Tx showtime indicator
(Active high. Connect to LED)
183
RX_SHOW
O
Rx showtime indicator
(Active high. Connect to LED)
158
GP_OUT_1
157
GP_OUT_0
O
General purpose outputs
(Float if not needed)
165
BT_MODE_1
164
BT_MODE_0
I
Boot mode
[0] Reset, [1] Boot from host
[2] Boot from JTAG, [3] Self-booting
161
NTR
B
ATM network timing reference (8KHz. Float if not
needed)
200
PCI_AD_31
201
PCI_AD_30
203
PCI_AD_29
204
PCI_AD_28
207
PCI_AD_27
208
PCI_AD_26
1
PCI_AD_25
2
PCI_AD_24
9
PCI_AD_23
10
PCI_AD_22
12
PCI_AD_21
13
PCI_AD_20
16
PCI_AD_19
17
PCI_AD_18
20
PCI_AD_17
21
PCI_AD_16
44
PCI_AD_15
47
PCI_AD_14
48
PCI_AD_13
B
PCI address data [31:0]


Similar Part No. - S5N8952

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5N8950 SAMSUNG-S5N8950 Datasheet
203Kb / 19P
   G.dmt ADSL Transceiver for CO and CPE
S5N8951 SAMSUNG-S5N8951 Datasheet
262Kb / 22P
   G.dmt ADSL Analog Front End IC
S5N8951X SAMSUNG-S5N8951X Datasheet
262Kb / 22P
   G.dmt ADSL Analog Front End IC
More results

Similar Description - S5N8952

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MTC20136 STMICROELECTRONICS-MTC20136 Datasheet
634Kb / 25P
   ADSL TRANSCEIVER CONTROLLER
logo
Samsung semiconductor
S5N8950 SAMSUNG-S5N8950 Datasheet
203Kb / 19P
   G.dmt ADSL Transceiver for CO and CPE
S5N8944B SAMSUNG-S5N8944B Datasheet
183Kb / 21P
   G.Lite ADSL Transceiver for CO and CPE
logo
Infineon Technologies A...
PEB55508 INFINEON-PEB55508 Datasheet
552Kb / 2P
   GEMINAX ADSL Transceiver Chipset
2001
logo
STMicroelectronics
STLC60135 STMICROELECTRONICS-STLC60135 Datasheet
189Kb / 25P
   TOSCA ADSL DMT TRANSCEIVER
MTC20455 STMICROELECTRONICS-MTC20455 Datasheet
662Kb / 23P
   QUAD ADSL DMT TRANSCEIVER
logo
Infineon Technologies A...
PEB35512 INFINEON-PEB35512 Datasheet
266Kb / 2P
   Global Enhanced Multiport Integrated ADSL Transceiver
2001
logo
LinkCom Manufacturing C...
LAF0012-C LINKCOM-LAF0012-C Datasheet
84Kb / 2P
   SPLITTER FOR ADSL
logo
Filtran LTD
7200 FILTRAN-7200 Datasheet
182Kb / 2P
   ADSL 24 CHANNEL POTS SPLITTER FOR ADSL
logo
STMicroelectronics
ST70137 STMICROELECTRONICS-ST70137 Datasheet
140Kb / 22P
   UNICORNTM PCI & USB CONTROLLERLESS ADSL DMT TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com